Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 47 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 47 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 43Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 44Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 45Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 46Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 47Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 48Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 49Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 50Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 51Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
47
2019-04-04
Error Detection Function
The UART interface in TC35680/TC35681 can detect 3 following errors;
Reception timeout error
Reception overrun error
Reception framing error
4.7.7.1. Reception Timeout Error
The availability of the timeout setting depends on an operating mode and a setting target interface. Table 4-8 shows the availability
of the timeout setting.
When the reception timeout is enabled, no data reception notifies the timeout error. The setting can be disabled.
Table 4-8 Availability of the timeout setting and the initial value
Operating mode
HCI mode
Complete mode
User-App mode
Setting method
HCI command
HCI command
API
Register
Setting target
Only UART1
Only UART1
Only UART1 (Note 2)
UART1 and UART2
Initial timeout setting
Disabled.
Enabled
Disabled
Disabled
Initial timeout value
5 ms (Note 1)
1.04 ms
User setting value
Initial vale of register
Reception
Configurable
Configurable
Configurable
Configurable
Note 1: The error occurs when the value exceeds 5 ms.
Note 2: Only UART1 can be set by the API in the User-App mode. When UART2 is used, the setting should be done by the register.
4.7.7.2. Reception Overrun Error
The reception overrun error occurs when the UART reception frame buffer in TC35680/TC35681 overflows. Normally, this overflow
error does not occur when the flow control described in Section 4.7.4 is used for data transfer.
4.7.7.3. Reception Framing Error
The reception framing error occurs when “0” is detected at the stop bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com