Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 79 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 79 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 75Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 76Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 77Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 78Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 79Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 80Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 81Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 82Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 83Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
79
2019-04-04
SPI Interface
Table 5-13 AC characteristics of SPI interface
Symbol
Item
Min.
Typ.
Max.
Unit
tSPICLKCYC
SPI clock cycle
125
—
—
ns
tSPICLKHPW
SPI clock High pulse width
62
—
—
ns
tSPICLKLPW
SPI clock Low pulse width
62
—
—
ns
tSPICSS
SPI chip select setup time
31
—
—
ns
tSPICSH
SPI chip select hold time
62
—
—
ns
tSPIIW
SPI transfer idle pulse width
62
—
—
ns
tSPIAS
SPI address setup time
31
—
—
ns
tSPIAH
SPI address hold time
62
—
—
ns
tSPIDS
SPI data setup time
31
—
—
ns
tSPIDH
SPI data hold time
62
—
—
ns
Figure 5-4 Timing chart of SPI interface
SCLK
tSPICSS
tSPIAS
tSPIAH
A7
tSPICSH
A6
A5
A4
WR
A0
D15
D14
D1
D0
A7
A6
SCS
DOUT
Write
tSPICLKHPW
tSPICLKLPW
tSPIDS
tSPIDH
tSPIIW
SCLK
tSPICSS
tSPIAS
tSPIAH
A7
tSPICSH
A6
A5
A4
WR
A0
D15
A7
A6
SCS
DIN
Read
tSPICLKHPW
tSPICLKLPW
tSPIDS
tSPIDH
tSPIIW
tSPICLKCYC
tSPICLKCYC
D14
D0
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com