| Electronic Components Datasheet Search |
|
TC35680FSG Datasheet(PDF) 33 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC35680FSG Datasheet(HTML) 33 Page - Toshiba Semiconductor |
|
33 / 91 page ![]() TC35680FSG-002/TC35681FSG-002 33 2019-04-04 4. Functions 4.1. Bluetooth® Wireless Communication For certain comer cases, either the industry standard of its implementation for Bluetooth® connection functions in TC35680/TC35681 series has some known issue. The issues and their countermeasures are summarized in Known Issues document which a user should refer to. The Bluetooth® connection is performed by the hardware which is configured by an RF circuit and a baseband circuit as well as the built-in firmware. The wireless communication can be realized by this device and the external components such as a crystal resonator and other discrete devices. Supported Functions The list of the functions supported by TC35680/TC35681 is shown in Table 4-1. TC35680/TC35681 of ROM version 002 operates as the Central or the Peripheral and they are connected to one device. Table 4-1 List of supported functions Bluetooth® core spec. feature Description Notes v4.0 features Central Supported Peripheral Supported Multi point connections Not supported Connection Update Supported Random Address Supported WhiteList Supported Security Property (Just Works) Supported Security Property (PassKey Entry) Supported Security Property (OOB) Not supported Security Property (Numeric Comparison) Supported GATT-Client Supported GATT-Server Supported Broadcaster Supported Observer Supported v4.1 features Low Duty Cycle Directed Advertising Supported 32-bit UUID support in LE Supported LE L2CAP Connection Oriented Channel Support Not supported LE Privacy v1.1 Not supported Connection Parameter Request Procedure Supported Extended Reject Indication Supported Slave-initiated Features Exchange Supported LE Ping Supported Act as LE Master and LE Slave at the same time Not Supported Act as LE Slave to more than one LE Master at the same time Not Supported v4.2 features LE Data Packet Length Extension (Max payload length 255 bytes) Supported LE Secure Connections Supported Link Layer Privacy Supported Link Layer Extended Scanner Filter Policies Supported v5.0 features LE 2M PHY Supported LE Coded PHY Supported Channel Selection Algorithm #2 Supported LE Extended Advertising(Max 1650 bytes) Supported LE Extended Scanning(Max 1650 bytes) Supported Stable Modulation Index - Transmitter Not supported Stable Modulation Index - Receiver Not supported LE Periodic Advertising Not supported Minimum Number of Used Channels Procedure Supported High Duty Cycle Non-Connectable Advertising Supported |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |