Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 38 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 38 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 34Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 35Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 36Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 37Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 38Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 39Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 40Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 41Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 42Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
38
2019-04-04
GPIO Pin Setting
The following settings of each GPIO pin can be done by software. And they are also held after this device enters a low power mode.
The setting method of the GPIO function is shown in Table 4-3.
Some GPIO pins have multiplexed functions. For details, refer to Section 2.4. The general-purpose I/O (GPIO)
function can be assigned by setting the function 0.
The input or output function can be assigned to a GPIO pin.
The input of each GPIO can be enabled or disabled. When another multiplexed function is used and it is an input
function, the input standby of the pin should be released because the input standby function fixes the internal input
signal to Low level.
The connection or disconnection of a built-in pull-up resistor can be selected. And the connection or disconnection of
a built-in pull-down resistor can be also selected. The initial value of each pin is shown in Table 2-3. The pull-up
resistor and the pull-down resistor should not be simultaneously connected to the same pin.
The pull-up resistor and the pull-down resistor are disconnected regardless of the settings when the pin is set to an
output one. When the output is disabled, the last settings are restored.
The drive current can be selected from these options: 1 mA, 1.5 mA, 2 mA, and 4 mA.
An external interrupt request can be accepted when the GDIO pin is set to an input one. The detection of the interrupt
request can be selected from an edge detection (a rising edge, a falling edge, or both edges) and a level detection
(High level or Low level) per pin. And no detection can be also selected.
Table 4-3 Setting method of GPIO
Setting
Setting method
HCI command
API
Register
Input or Output setting
HCI_M2_BTL_READ_MEMORY
reads the data and
HCI_M2_BTL_WRITE_MEMORY
sets the data.
SYS_API_SetGpioEn
GPIO_OUT_EN (output setting)
GPIO_OUT_EN_WRAP
(output
setting)
Input standby
—
PMU_IOSTANDBYX
Pull-up resistor and Pull-down
resistor settings
SYS_API_SetGpioCfgReg
GPIO_CFG
Drive current setting
SYS_API_SetGpioCfgReg
GPIO_CFG
Interrupt setting
SYS_API_SetGpioCfgReg
GPIO_CFG
Input data read
—
GPIO_MON and GPIO_MON_WRAP
Output data setting
—
GPIO_OUT and GPIO_OUT_WRAP
General-purpose Input Function
The general-purpose input of a GPIO pin is enabled when the function 0 in Table 2-2 is assigned to the pin and the input standby is
released according to the setting in Table 4-3. When the input standby is set, the general-purpose input is disabled. The internal input
data is fixed to Low level. The input standby setting is held after this device enters a low power mode.
When a GPIO pin is used as a CMOS input, the fixed level of the external input signal should be High level or Low level. If the input
standby is set to the pin, the pin does not work as the CMOS input. When the pin is open or when the pin is used for the ADC function,
the input standby of the pin should be set.
When both the input standby and the output disable are set, the input and output of the GPIO pin are disabled (“Disable” state).
When, additionally, the built-in pull-up and pull-down resistors are disconnected, the pin becomes Hi-Z.
The connection or disconnection of the built-in pull-up and pull-down resistors is set by the API or the corresponding register in Table
4-3.
The input data can be read using “Input data read” method described in Table 4-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com