Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 64 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 64 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 60Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 61Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 62Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 63Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 64Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 65Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 66Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 67Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 68Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
64
2019-04-04
Adjustment of Oscillation Frequency of Sleep Clock
The adjustment of the oscillation frequency is done by the modification of the capacitance of the variable capacitor. It is done by the
setting of the 5-bit FREQTUNE_OSC32K field in the PMU_OSC32K_TRIMIN register. When a value between 0x00 and 0x1F (2’s
complement) is set, the capacitance of the variable capacitors on the input and output pins changes with a step of about 0.5 pF. Then,
the value 0x0F gives the minimum frequency and 0x10, the maximum frequency.
The value in the FREQTUNE_OSC32K field is 0x00 just after the reset is deasserted or while the cold boot is done. It is set to 0x18
after the oscillation becomes stable. Then the value can be modified by a software procedure.
The oscillation of the sleep clock stops at the transition to the Deep Sleep mode.
Table 4-16 Oscillation condition of Sleep clock and FREQTUNE_OSC32K field value
Connection of Crystal Resonator
Figure 4-21 Connection of Crystal resonator
Use of External Crystal Oscillator
An external clock should be supplied to the SLPXOIN pin after the clock source is assigned to “Direct Input mode” by the command
or the API in Table 4-15. The voltage range of the supplied clock is 0 to VDDIO (V).
A clock should not be supplied to the SLPXOIN pin before “Input from external” is set. The SLPXOOUT pin should be open or be
connected to GND.
In order to supply the clock, the output of the external crystal oscillator should be controlled by the general-purpose output function
of GPIO after the clock change procedure is done.
The external crystal oscillator can be used in Sleep mode and Backup mode. It cannot be used in Deep Sleep mode.
Oscillation condition
Value in FREQTUNE_OSC32K field
J Just after hardware reset is deasserted or wake-up from the Deep
Sleep mode.
0x00 (the initial value at start-up)
0x18 (the initial value after the
oscillation becomes stable)
Input signal
Oscillation control
Trimming control
Input select
SLPXOIN
SLPXOOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com