Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 49 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 49 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 45Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 46Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 47Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 48Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 49Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 50Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 51Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 52Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 53Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
49
2019-04-04
4.8. SPI Interface
Feature
The serial peripheral interface has the following features;
Reference I/O power supply: VDDIO
Channel number: 2 for QFN package
SPI function
Chip select:
2 channels for QFN package
Chip select polarity:
High active or Low active can be selected.
Serial clock of Master: The clock polarity and the phase can be adjusted (selectable from among 4 combinations)
Serial clock frequency: 8 kHz to 16 MHz
Serial data transfer:
Both MSB first and LSB first are available.
The SPI interface operates at the VDDIO power supply voltage. Because the power supply pin is shared with other hardware
interfaces, the voltage of the SPI interface cannot be independently different.
Connection Example
The SPI interface can be connected to a serial EEPROM and a serial Flash memory.
The SPI interface has one chip select pin. Figure 4-10 shows an example of the connection with a serial Flash ROM through the SPI
interface of TC35680/TC35681.
Figure 4-10 Connection example of SPI interface to Serial Flash ROM
TC35680/
TC35681
Chip select (SPI-SCS)
Serial clock (SPI-SCLK)
Write data (SPI-DOUT)
Read data (SPI-DIN)
Serial
Flash ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com