Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 3Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 4Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 5Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 6Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 7Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 8Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 9Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 10Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
7
2019-04-04
1.2. Features
 Wireless communication function
Compliant with Bluetooth® Low Energy Ver.5.0 specification.
Built-in Bluetooth® baseband circuit
Built-in Bluetooth® RF circuit
Maximum output power: +8 dBm
Maximum RX sensitivity: -105.0 dBm (in case of Coded PHY and S = 8)
RSSI accuracy: ±2 dB (in case of -90 to -10 dBm input)
HCI commands/Extended HCI commands (implemented in the mask ROM)
Control API in GATT/SM layer (TCU commands: Toshiba Command Unit) (implemented in the mask ROM)
Auto-advertising feature
Output power setting feature
 Microcontroller unit
Built-in Arm® Cortex®-M0 processor (Maximum operating frequency is 32 MHz.)
Built-in mask ROM
Boot loader
API for the hardware control
Bluetooth® wireless function API
Bluetooth® protocol stack
Built-in retention SRAM (User area is 76 KB out of total 144 KB.)
Built-in serial Flash memory (TC35680 only)
Memory capacity: 128 KB
Sector size: 4 KB
Endurance: 100,000 times
Interface, AD converter, and Debug function
General-purpose I/O (GPIO) (18 pins)
General-purpose serial interfaces
UART interface (2 channels. Shared with the GPIO pins.)
HCI mode: One channel is used as a host interface (9600 bps to 921.6 kbps)
User-App mode: 600 to 2000 kbps (Maximum baudrate may be 2000 kbps or less and depends on user-
application program.)
SPI interface (2 channels. Shared with the GPIO pins.)
I2C interface (2 channels. Shared with the GPIO pins.)
TC35681 uses one channel as the interface to the EEPROM for User-App mode.
PWM interface (4 channels. Shared with the GPIO pins.)
Pulse generation function
“Rhythm function” (function to mask a pulse signal)
AD converter (ADC)
General-purpose voltage measurement (5 channels. Shared with the GPIO pins.)
Power supply voltage (VBAT) measurement (1 channel. Connected internally.)
Interface for Emulator debug control
SWD (Serial Wire Debug): 2-wire system (1 channel)
Clock
Reference clock (32 MHz)
Built-in crystal oscillator with a frequency adjustment function
Sleep clock (32.768 kHz)
Built-in crystal oscillator with a frequency adjustment function
External clock input is supported.
Built-in silicon oscillator (SiOSC)
Sleep clock output function (Shared with the GPIO pins.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com