Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 17Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 18Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 19Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 20Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 21Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 22Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 23Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 24Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
21
2019-04-04
Hardware Start-up Sequence
The sequence of the start-up of the power supply and the reset deassertion are shown in Figure 3-3. For sequence of the start-up of
the built-in firmware, refer to Section 3.5. For details of the reset, refer to Section 4.5.
The VBAT power should be supplied first. The VDDIO power can be supplied simultaneously. The voltage of the VDDIO, however,
should not exceed the voltage of the VBAT. The reset should be deasserted after the voltage of the VBAT reaches the minimum
value of VBATopr in Section 5.2 and the voltage of the VDDIO also reaches the minimum value of VDDIOopr.
When the reset is deasserted, the crystal oscillator for the reference clock starts to operate.
And the SiOSC starts oscillating to supply the sleep clock.
The reference clock should become stable in 1.5 ms for a circuit of TC35680/TC35681. It is needed that a stable time of the reference
clock keeps within1.5 ms
Figure 3-3 Hardware start-up sequence
VDDIO power supply
Reset signal
→Reset deassertion is necessary after VDDIO becomes stable.
Reference clock
Oscillation
VBAT power supply
Operation start
Sleep clock
(SiOSC)
Oscillation
Never be VBAT < VDDIO.
Built-in LDO regulator and
DC/DC converter
↑
LDO regulator ON
DC/DC
Converter ON
→
After the sleep clock is detected, PMU switches it.
(Temporal transition to the Sleep mode)
Boot completion
Minimum value of VBATopr at start-up (Section 5.2)
Boot start
Oscillation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com