Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 2Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 3Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 4Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 5Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 6Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 7Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 8Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 9Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
6
2019-04-04
1.
Function Outlines and Features
1.1. Function Outlines
TC35680FSG/TC35681FSG series (hereafter, TC35680/TC35681 series) are compliant with 2.4 GHz wireless communication
Bluetooth® Low Energy Ver.5.0 specification. Each device has an MCU based on Arm® Cortex-M0® processor and integrates RF
analog circuit and baseband digital circuits. The following functions in the Bluetooth® core specifications are supported; the LE Long
Range feature, LE 2-Mbps feature, HCI (Host Control Interface) feature, Low Energy GATT Profile feature, and others.
The TC35680/TC35681 series line-up is as follows:
TC35680FSG (hereafter, TC35680): Flash memory is included to store user application program.
TC35681FSG (hereafter, TC35681): Flash memory is not included.
TC35680/TC35681 series support both controlled by an external CPU and standalone operation.
Table 1-1 shows the main application and features of each device.
Table 1-1 Applications and features of TC35680/TC35681 series
Product
TC35680FSG
TC35681FSG
Main application
• General-purpose (Note 1)
• Standalone
• General-purpose (Note 1)
• Standalone (Note 2)
• Host-controlled system
Flash memory
Built-in
None
No. 27 pin
VDDIOFQ
VSSD1
Minimum VBAT operation voltage
(VBATopr)
1.9 V
1.8 V (-40 to 105°C)
2.0 V (-40 to 120°C)
Ambient temperature
-40°C to +85°C
Number of General-purpose I/O
(GPIO)
18
Number of UART channels
(Note 3)
2
Number of I2C channels (Note 3)
2
Number of SPI channels (Note 3)
2
Number of AD Converter channels
(Note 3)
5
Number of PWM channels
(Note 3)
4
Sleep clock output function
(Note 3)
Yes
Package
QFN40
5.0 mm × 5.0 mm × 0.9 mm
0.4-mm pitch
Note 1: Except "UNINTENDED USE" described in “RESTRICTIONS ON PRODUCT USE”
Note 2: An external EEPROM is necessary in the standalone system.
Note 3: These pins are shared with the GPIO pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com