Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 22 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 22 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 18Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 19Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 20Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 21Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 22Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 23Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 24Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 25Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 26Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
22
2019-04-04
3.2. System Configuration and Operating Mode
TC35680/TC35681 support two system configurations and three operating modes, as shown in Figure 3-4.
System configuration
Configuration that this device is controlled by an external host CPU (Host-controlled system)
Configuration that this device is controlled by its own CPU using a user application program (Standalone system)
Operating mode
Controlled by HCI/Extended HCI commands in the Host-controlled system (HCI mode).
Controlled by TCU commands in the Host-controlled system (Complete mode).
Controlled by the built-in CPU in TC35680 or TC35681 using a user application program (User-App mode)
Following 3 methods are available to download a user application program;
Download from the built-in Flash memory (TC35680)
Download from an external EEPROM (TC35681)
Download via the UART interface (TC35680/TC35681)
For the details of the selection of the operating mode, refer to Section 3.4.
Figure 3-4 Example of system configuration of TC35680/TC35681
Host CPU
TC35680/
TC35681
HCI or TCU
Commands
UART
■
User-App mode
Controlled by a user application program in the built-in Flash ROM,
an external EEPROM, or a Host CPU.
■
HCI mode/Complete mode
Controlled by a host CPU.
TC35680/TC35681
CPU
RAM
ROM
Built-in Flash
memory
(TC35681)
(TC35680)
(TC35680/
TC35681)
External
EEPROM
Host CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com