Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 9Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 10Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 11Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 12Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 13Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 14Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 15Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 16Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
13
2019-04-04
Pin name
Pin No.
Attribute
Description
QFN
Package
Power supply group
Signal direction
I/O Type
GPIO1
GPIO2
GPIO5
GPIO6
GPIO7
GPIO8
GPIO11
GPIO12
GPIO13
GPIO16
GPIO17
40
16
36
37
38
39
35
34
25
1
2
VDDIO
IN/OUT
Pull-up/Pull-down
resistors
Schmitt trigger
General-purpose I/O pins.
Following functions can be set by software;
Switch as input or output.
Connection or disconnection of a pull-up and a pull-down
resistors (Note 1)
Selection of output drivability.
Setting of an interrupt.
For details of the function assignment, the low power consumption
function, and the interrupt, refer to Section 2.4, Section 3.6, and Section
4.6, respectively.
GPIO3
GPIO4
GPIO9
GPIO10
GPIO14
30
29
28
26
24
VDDIO
IN/OUT
Pull-up/Pull-down
resistors
Schmitt trigger
ADC input and general-purpose I/O pins.
Following functions can be set by software;
Switch of input or output.
Connection or disconnection of a pull-up and a pull-down
resistors (Note 1)
Selection of output drivability.
Setting of an interrupt.
ADC input
For the details of the function assignment, the low power consumption
function, the interrupt, and the ADC, refer to Section 2.4, Section 3.6,
Section 4.6, and Section 4.11, respectively.
SWDCLK
32
VDDIO
IN
Pull-up/Pull-down
resistors
Schmitt trigger
SWD clock pin.
Input pin of the Serial Wire Debug clock.
When the function is not used, this pin should be open.
SWDIO
17
VDDIO
IN/OUT
Pull-up/Pull-down
resistors
Schmitt trigger
SWD data pin or Operating mode switching pin.
Input or output data pin for the Serial Wire Debug.
When the functions of this pin are not used, this pin should be open.
This pin is also used to switch an operating mode. For the details of
switching the operation mode, refer to Section 3.4.
TMODE
4
VDDIO
IN
Schmitt trigger
Test setting pin.
This pin is used for a manufacturing test. It should be connected to GND
when this device is used.
TRTEST1
TRTEST2
9
10
VDDCORE1
IN/OUT
Analog
Test pins for analog.
This pin is used for a manufacturing test. It should be connected to GND
when this device is used.
Note 1: The values of the built-in pull-up and pull-down resistors vary widely; about 20 k
Ω to 100 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com