Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 67 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 67 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 63Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 64Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 65Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 66Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 67Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 68Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 69Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 70Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 71Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
67
2019-04-04
4.16. Auto-patch Function
TC35680/TC35681 provides an auto-patch function which is executed by the built-in firmware in the boot-up sequence.
The auto-patch programs should be stored in the built-in Flash memory or an external EEPROM together with a user application
program. This function is available in the User-App mode (TC35680 and TC35681) and the HCI mode (TC35680 only). TC35681 in
the HCI mode can be patched by the HCI command.
Table 4-17 shows the availability of the auto-patch function in each operating mode.
Table 4-17 Availability of the auto-patch function
Operating mode
HCI mode
Complete mode
User-App mode
TC35680
Yes
Yes
Yes
TC35681
No
No
Yes
The auto-patch function is executed by the built-in firmware in the following cases;
During assertion of the hardware reset
During assertion of the software reset
During assertion of the reset by the watchdog timer
Return procedure from the Deep Sleep mode
To activate the auto-patch function, the entry of the auto patch program should be done to a corresponding address in the built-in
Flash memory. A desired value can be written in the RAM or a register at start-up before a host CPU or a user application program
acquires the permission to control TC35680/TC35681.
This function is effective when a desired value should be written to the register for the adjustment of the clock frequency of the
oscillator before the system is started up, and others.
4.17. Patch Function
The patch function is effective for repairing or improving the built-in firmware.
It is available in the HCI mode, the Complete mode, and the User-App mode. This function enables the modification of data in desired
addresses in the memory space including the mask ROM. The size of the modification data is 32 Bytes.
We provides the patch programs in the source code. A necessary patch program should be selected and embedded to the proper
locations in a user application program. The TC35680/TC35681 support 4 patch programs at maximum. The auto-patch programs
are not included in this number.
4.18. CPU
The Arm® Cortex®-M0 processor is embedded in TC35680/TC35681.
The CPU in TC35680/TC35681 uses the reference clock. The clock frequency is 32 MHz at start-up.
API “SYS_API_ChangeSystemClock()” can select the clock frequency of 16 MHz or 32 MHz dynamically.
The 16MHz clock can be used only when the Bluetooth® connection of the advertising function does not operate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com