Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 78 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 78 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 74Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 75Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 76Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 77Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 78Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 79Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 80Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 81Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 82Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
78
2019-04-04
5.7.2.2. Fast mode
Table 5-12 AC characteristics of I2C interface (Fast mode)
Symbol
Item
Min.
Typ.
Max.
Unit
tDATS
Data setup time
100
—
—
ns
tDATH
Data hold time
300
—
—
ns
tDATVD
Data validity period
—
—
900
ns
tACKVD
ACK validity period
—
—
900
ns
tSTAS
Restart condition setup time
600
—
—
ns
tSTAH
Restart condition hold time
600
—
—
ns
tSTOS
Stop condition setup time
600
—
—
ns
tBUF
Bus release interval time between Stop
condition and Start condition
1300
—
—
ns
tr
Rising time
20 + 0.1 Cb
—
300
ns
tf
Falling time
20 + 0.1 Cb
—
300
ns
tSP
Removable spike pulse width
0
—
50
ns
tHIGH
Serial clock High period
—
1423
—
ns
tLOW
Serial clock Low period
—
1423
—
ns
Cb
Bus load capacitance
—
—
400
pF
70%
30%
70%
30
%
tf
tLOW
tHIGH
tDATVD
tDATH
tDATS
1/fSCL
70%
30%
70%
30%
tSP
tACKVD
tSTO S
tBUF
tSTAH
S
Sr
P
S
1
st clock
tr
tf
tr
2
nd clock
3
rd clock
9
th clock
9
th clock
SDA
SCL
S : START condition
Sr : Repeated START Condition
P : STOP condition
tSTAH
tSTAS
SDA
SCL
Figure 5-3 Timing chart of I2C interface (Fast mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com