| Electronic Components Datasheet Search |
|
TC35680FSG Datasheet(PDF) 36 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC35680FSG Datasheet(HTML) 36 Page - Toshiba Semiconductor |
|
36 / 91 page ![]() TC35680FSG-002/TC35681FSG-002 36 2019-04-04 4.5. Reset Interface Feature The reset interface has the following features; Reference I/O power supply: VDDIO Level sensitive asynchronous reset (Low level is active.) After the power is supplied, the external reset signal should be deasserted (RESETX pin = High) when the VBAT reaches the minimum value of the VBATopr shown in Section 5.2 and the VDDIO reaches the minimum value of the VDDIOopr. After the external reset is deasserted, the crystal resonator of the reference clock starts oscillation. The internal reset is deasserted after the time interval for the oscillation of a crystal resonator stability elapses (a built-in timer measures the interval). The reset signal, RESETX should be asserted (Low level) for 1 μs or more. Connection Example The reset signal can be generated by an RC time constant circuit or can be supplied by the device which generates a level sensitive asynchronous reset signal. The RC time constant circuit can generate a delay signal for the start-up of the power supply. “Reset in the User-App mode” in Figure 4-1 shows an example of this connection. And “Reset by Host CPU” in Figure 4-1 shows an example of the connection of the device which generates a level sensitive asynchronous reset signal. When a JTAG emulator is connected, the reset pin of the host CPU is connected to the reset pin of the JTAG emulator using a wired-OR connection. The reset of this device is asserted by the low level output of either the host CPU or the JTAG emulator. Figure 4-1 Example of Reset signal connection TC35680/ TC35681 Reset Power supply Note: The circuits in the diagram of connection example are simplified and omit details. ■ Reset in User-App mode ■ Reset by Host CPU TC35680/ TC35681 Reset Host CPU VDDIO JTAG emulator Wired-OR RC time constant circuit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |