Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 53 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 53 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 49Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 50Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 51Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 52Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 53Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 54Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 55Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 56Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 57Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
53
2019-04-04
4.9.
I2C Interface
Feature
The I2C interface has the following features;
Reference I/O power supply: VDDIO
Channel number: 2 for QFN package
I2C bus interface
I2C bus master operation and slave operation (not support the multi master operation)
Cross stretch is supported.
Serial clock frequency:
Standard mode (Max. 100 kHz) and Fast mode (Max. 400 kHz)
Serial clock output mode:
Open-drain output or CMOS output can be selected.
Device address format:
7-bit address (10-bit address is not supported.)
The I2C interface operates at the VDDIO power supply voltage. Because the power supply pin is shared with other hardware
interfaces, the voltage of the I2C interface cannot be independently different.
When TC35681 is used in the User-App mode, Channel 1 is occupied as an interface to the memory which stores a user application
program. For the details, refer to Section 3.4.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com