Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 59 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 59 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 55Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 56Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 57Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 58Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 59Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 60Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 61Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 62Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 63Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
59
2019-04-04
4.11. ADC (AD Converter)
Feature
The TC35680/TC35681 integrates a 10/12-bit AD converter (ADC) that can be used for power supply voltage measurement and
measurement of General-purpose voltage such as an input voltage from an external sensor.
The ADC has the following features;
Reference I/O power supply: VDDIO
General-purpose voltage input pin count (shared with GPIO pins): 5 for QFN package
Power supply voltage measurement: 1 channel (ADC0) This pin is connect to VDDCORE2 (1.2-V voltage supply)
internally.
Maximum sampling rate: 1 MS/s (But the function which coverts an analog signal continuously is not supported)
10-bit conversion or 12-bit conversion can be selected (default is 10 bits).
For the general-purpose voltage input, the channels except channel 0 which is connected to VDDCORE2 can be used.
These channels are shared with the GPIO pins. When the ADC function is assigned to one of the GPIO pins, the corresponding pin
should be set to input standby and the pull-up and pull-down resistors should be disconnected. For the details of the GPIO pins, refer
to Section 2.4. And for the setting method of the pin, refer to Section 4.6.2.
The ADC function is set by the GPADCC_CTRL register. One of the channels is selected by the GPADCC_SELAIN register to
convert the analog signal input from the channel. The result data can be read from the GPADCC_DATA register. The 10-bit
conversion result is set to 11-bit to 2-bit in GPADCC_DATA register when the data length of the conversion result is specified as 10
bits. And the 12-bit conversion result is set to 11-bit to 0-bit in GPADCC_DATA register when the data length of the conversion result
is specified as 12 bits.
All channel data cannot be read out at the same time. The conversion end can be detected using a corresponding interrupt or the
polling method. The maximum sampling rate depends on the CPU utilization.
The pin of AD convertor for the measurement of General-purpose voltage should not be input the signal whose voltage is higher
than the voltage of the VDDIO.
Function
An analog signal in the range of 0 to VDDIO (V) can be input into an analog input channel of the general-purpose voltage
measurement. The reference voltage (VREFH) of the ADC is connected to VBAT internally, so the result of AD conversion is shown
as a relative value against the VBAT voltage as in the following equation.
Result of AD conversion
=4095×InputvoltagetoachannelofADC
VREFH(=VBATvoltage)
ADC0 for the power supply voltage measurement is connected to VDDCORE2 (1.2-V voltage supply) internally. The VBAT voltage
is shown by the channel 0’s result of AD conversion.
VBAT=4095×
1.2V
ResultofADconversionofchannel0
The absolute voltage of the analog input signal for the general-purpose voltage measurement is calculated using the following
equation.
ADCninputvoltage[V]=ResultofADconversionofchanneln
ResultofADconversionofchannel0×1.2[V]
The concept of the voltage conversion is shown in Figure 4-19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com