Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 68 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 68 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 64Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 65Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 66Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 67Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 68Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 69Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 70Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 71Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 72Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
68
2019-04-04
5.
Electrical Characteristics (TC35680FSG/TC35681FSG)
5.1. Absolute Maximum Ratings
The absolute maximum ratings of a semiconductor device are a set of specified parameter values, which must not be exceeded during
operation, even for an instant. If any of these ratings would be exceeded during operation, the electrical characteristics of the device
may be irreparably altered, and the reliability and lifetime of the device can no longer be guaranteed. Moreover, these operations with
exceeded ratings may cause break-down, damage and/or degradation to any other equipment. Applications using the device should
be designed such that each absolute maximum rating will never be exceeded in any operating conditions.
Table 5-1 Absolute maximum ratings (VSSA = VSSRFIO = VSSDC = VSSD = VSSX = 0 V)
Note 1: Do not connect the VBAT pin to GND while the VDDIO pin is supplied with power. The current flow from the VDDIO pin to
the VBAT pin in the device may cause damage, break-down, and/or degradation.
Please make sure that the VDDIO voltage should never exceed the VBAT voltage.
Note 2: VDDIO + 0.3 V should never exceed 3.9 V.
Item
Symbol
Rating
Unit
Min.
Max.
Power supply voltage
VBAT and VDDIO (Note 1)
-0.3
+3.9
V
I/O pin input voltage
VIN
-0.3
VDDIO + 0.3
(Note 2)
V
I/O pin input current
IIN
-10
+10
mA
Input power
RFIO
—
+10
dBm
Storage temperature
Tstg
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com