Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 134Page - Renesas Technology Corp 4559 Datasheet HTML 135Page - Renesas Technology Corp 4559 Datasheet HTML 136Page - Renesas Technology Corp 4559 Datasheet HTML 137Page - Renesas Technology Corp 4559 Datasheet HTML 138Page - Renesas Technology Corp 4559 Datasheet HTML 139Page - Renesas Technology Corp 4559 Datasheet HTML 140Page - Renesas Technology Corp 4559 Datasheet HTML 141Page - Renesas Technology Corp 4559 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 138 of 146
REJ03B0188-0104
4559 Group
The above table shows the relationship between machine language codes and machine language instructions. D3–D0 show the low-order
4 bits of the machine language code, and D9–D4 show the high-order 6 bits of the machine language code. The hexadecimal
representation of the code is also provided. There are one-word instructions and two-word instructions, but only the first word of each
instruction is shown. Do not use code marked “–.”
The codes for the second word of a two-word instruction are
described below.
INSTRUCTION CODE TABLE
D9
−
D4
000000 000001 000010 000011 000100 000101 000110 000111 001000 001001 001010 001011 001100 001101 001110 001111
010000
to
010111
011000
to
011111
D3
−
D0
Hex,
notation
00
01
02
03
04
05
06
07
08
09
0A
0B
0C
0D
0E
0F
10
−17 18−F
0000
0
NOP
BLA
SZB
0
BMLA
−
TASP
A
0
LA
0
TABP
0
TABP
16
TABP
32
−
BML
BML
BL
BL
BM
B
0001
1
SRST CLD
SZB
1
−−
TAD
A
1
LA
1
TABP
1
TABP
17
TABP
33
−
BML
BML
BL
BL
BM
B
0010
2
POF
−
SZB
2
−−
TAX
A
2
LA
2
TABP
2
TABP
18
TABP
34
−
BML
BML
BL
BL
BM
B
0011
3
SNZP INY
SZB
3
−−
TAZ
A
3
LA
3
TABP
3
TABP
19
TABP
35
−
BML
BML
BL
BL
BM
B
0100
4
DI
RD
SZD
−
RT
TAV1
A
4
LA
4
TABP
4
TABP
20
TABP
36
−
BML
BML
BL
BL
BM
B
0101
5
EI
SD
SEAn
−
RTS TAV2
A
5
LA
5
TABP
5
TABP
21
TABP
37
−
BML
BML
BL
BL
BM
B
0110
6
RC
−
SEAM
−
RTI
−
A
6
LA
6
TABP
6
TABP
22
TABP
38
−
BML
BML
BL
BL
BM
B
0111
7
SC
DEY
−
−−−
A
7
LA
7
TABP
7
TABP
23
TABP
39
−
BML
BML
BL
BL
BM
B
1000
8
POF2 AND
−
SNZ0
LZ
0
RUPT
A
8
LA
8
TABP
8
TABP
24
TABP
40
−
BML
BML
BL
BL
BM
B
1001
9
−
OR
TDA
−
LZ
1
SUPT
A
9
LA
9
TABP
9
TABP
25
TABP
41
−
BML
BML
BL
BL
BM
B
1010
A
AM
TEAB TABE
SNZI
0
LZ
2
−
A
10
LA
10
TABP
10
TABP
26
TABP
42
−
BML
BML
BL
BL
BM
B
1011
B
AMC
−−
−
LZ
3
EPOF
A
11
LA
11
TABP
11
TABP
27
TABP
43
−
BML
BML
BL
BL
BM
B
1100
C
TYA
CMA
−−
RB
0
SB
0
A
12
LA
12
TABP
12
TABP
28
TABP
44
−
BML
BML
BL
BL
BM
B
1101
D
−
RAR
−−
RB
1
SB
1
A
13
LA
13
TABP
13
TABP
29
TABP
45
−
BML
BML
BL
BL
BM
B
1110
E
TBA
TAB
−
TV2A
RB
2
SB
2
A
14
LA
14
TABP
14
TABP
30
TABP
46
−
BML
BML
BL
BL
BM
B
1111
F
−
TAY
SZC TV1A
RB
3
SB
3
A
15
LA
15
TABP
15
TABP
31
TABP
47
−
BML
BML
BL
BL
BM
B
The second word
BL
10 paaa aaaa
BML
10 paaa aaaa
BLA
10 pp00 pppp
BMLA
10 pp00 pppp
SEA
00 0111 nnnn
SZD
00 0010 1011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com