Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 135Page - Renesas Technology Corp 4559 Datasheet HTML 136Page - Renesas Technology Corp 4559 Datasheet HTML 137Page - Renesas Technology Corp 4559 Datasheet HTML 138Page - Renesas Technology Corp 4559 Datasheet HTML 139Page - Renesas Technology Corp 4559 Datasheet HTML 140Page - Renesas Technology Corp 4559 Datasheet HTML 141Page - Renesas Technology Corp 4559 Datasheet HTML 142Page - Renesas Technology Corp 4559 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 139 of 146
REJ03B0188-0104
4559 Group
The above table shows the relationship between machine language codes and machine language instructions. D3–D0 show the low-order
4 bits of the machine language code, and D9–D4 show the high-order 6 bits of the machine language code. The hexadecimal
representation of the code is also provided. There are one-word instructions and two-word instructions, but only the first word of each
instruction is shown. Do not use code marked “–.”
The codes for the second word of a two-word instruction are
described below.
INSTRUCTION CODE TABLE
D9
−
D4
100000 100001 100010 100011 100100 100101 100110 100111 101000 101001 101010 101011 101100 101101 101110 101111
110000
to
111111
D3
−
D0
Hex,
notation
20
21
22
23
24
25
26
27
28
29
2A
2B
2C
2D
2E
2F
30
−3F
0000
0
−
TW3A OP0A T1AB
−−
IAP0
TAB1
SNZT
1
−
WRST
TMA
0
TAM
0
XAM
0
XAMI
0
XAMD
0
LXY
0001
1
−
TW4A OP1A T2AB
−−
IAP1
TAB2
SNZT
2
−−
TMA
1
TAM
1
XAM
1
XAMI
1
XAMD
1
LXY
0010
2
−−
OP2A
−−
TAMR IAP2
−
SNZT
3
−−
TMA
2
TAM
2
XAM
2
XAMI
2
XAMD
2
LXY
0011
3
−−
OP3A
−−
TAI1
IAP3
−−
SVDE
−
TMA
3
TAM
3
XAM
3
XAMI
3
XAMD
3
LXY
0100
4
−
TK1A
−−−−
−−−
T2HA
B
−
TMA
4
TAM
4
XAM
4
XAMI
4
XAMD
4
LXY
0101
5
−
TK2A
−
TPSAB
−−
−
TABPS
−
T2R2
L
−
TMA
5
TAM
5
XAM
5
XAMI
5
XAMD
5
LXY
0110
6
−
TMRA TC3A
−−
TAK0
−−−−−
TMA
6
TAM
6
XAM
6
XAMI
6
XAMD
6
LXY
0111
7
−
TI1A
−−−
TAPU0
−−−−−
TMA
7
TAM
7
XAM
7
XAMI
7
XAMD
7
LXY
1000
8
TPU3A
−
TFR0A
−−−
−−−−
TC1A
TMA
8
TAM
8
XAM
8
XAMI
8
XAMD
8
LXY
1001
9
TRGA
−
TFR1A
−−
TAK1
−−−−
TC2A
TMA
9
TAM
9
XAM
9
XAMI
9
XAMD
9
LXY
1010
A
TL1A
−
TFR2A
−
TAL1 TAK2
−−
SNZV
D
−
TPAA
TMA
10
TAM
10
XAM
10
XAMI
10
XAMD
10
LXY
1011
B
TL2A TK0A TFR3A
−
TAW1 TAK3
−−−
CRCK
−
TMA
11
TAM
11
XAM
11
XAMI
11
XAMD
11
LXY
1100
C
TL3A
−
TK3A
−
TAW2
−−
−
RCP DWDT
−
TMA
12
TAM
12
XAM
12
XAMI
12
XAMD
12
LXY
1101
D
TLCA
−
TPU0A
−
TAW3 TAPU3
−−
SCP
−−
TMA
13
TAM
13
XAM
13
XAMI
13
XAMD
13
LXY
1110
E
TW1A
−
TPU1A
−
TAW4 TAPU1
−−−−−
TMA
14
TAM
14
XAM
14
XAMI
14
XAMD
14
LXY
1111
F
TW2A
−
TPU2A TR1AB
−
TAPU2
−−−−−
TMA
15
TAM
15
XAM
15
XAMI
15
XAMD
15
LXY
The second word
BL
10 paaa aaaa
BML
10 paaa aaaa
BLA
10 pp00 pppp
BMLA
10 pp00 pppp
SEA
00 0111 nnnn
SZD
00 0010 1011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com