Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 139Page - Renesas Technology Corp 4559 Datasheet HTML 140Page - Renesas Technology Corp 4559 Datasheet HTML 141Page - Renesas Technology Corp 4559 Datasheet HTML 142Page - Renesas Technology Corp 4559 Datasheet HTML 143Page - Renesas Technology Corp 4559 Datasheet HTML 144Page - Renesas Technology Corp 4559 Datasheet HTML 145Page - Renesas Technology Corp 4559 Datasheet HTML 146Page - Renesas Technology Corp 4559 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 143 of 146
REJ03B0188-0104
4559 Group
Electrical characteristics
Note 1. When RC oscillation is used, use the external 33 pF capacitor (C).
Note 2. The impedance state is the resistor value of the output voltage.
at VLC3 level output: VO = 0.8 VLC3
at VLC2 level output: VO = 0.8 VLC2
at VLC1 level output: VO = 0.2 VLC2 + VLC1
at VSS level output: VO = 0.2 VLC1
Table 33 Electrical characteristics 1 (Ta = –20
°C to 85 °C, VDD = 1.8 to 5.5 V, unless otherwise noted)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
VOH
“H” level output voltage
P0, P1, P2, P3, D0–D5
VDD = 5V
IOH =
−10mA
3
V
IOH =
−3mA
4.1
VDD = 3V
IOH =
−5mA
2.1
IOH =
−1mA
2.4
VOH
“H” level output voltage
C/CNTR
VDD = 5V
IOH =
−20mA
3
V
IOH =
−6mA
4.1
VDD = 3V
IOH =
−10mA
2.1
IOH =
−3mA
2.4
VOL
“L” level output voltage
P0, P1, P2, P3, D0–D7
C/CNTR
VDD = 5V
IOL = 15mA
2
V
IOL = 5mA
0.9
VDD = 3V
IOL = 9mA
1.4
IOL = 3mA
0.9
VOL
“L” level output voltage
RESET
VDD = 5V
IOL = 5mA
2
V
IOL = 1mA
0.6
VDD = 3V
IOL = 2mA
0.9
IIH
“H” level input current
P0, P1, P2, P3, D0–D5
RESET, XIN, XCIN, INT
CNTR
VI = VDD
2
µA
IIL
“L” level input current
P0, P1, P2, P3, D0–D5
RESET, XIN, XCIN, INT
CNTR
VI = 0V
P0, P1, P2, P3
No pull-up
−2
µA
RPU
Pull-up resistor value
P0, P1, P2, P3
RESET
VI = 0V
VDD = 5V
30
60
125
k
Ω
VDD = 3V
50
120
250
VT+
−VT−
Hysteresis
RESET
VDD = 5V
1
V
VDD = 3V
0.4
VT+
−VT−
Hysteresis
INT
VDD = 5V
0.6
V
VDD = 3V
0.3
VT+
−VT−
Hysteresis
CNTR
VDD = 5V
0.2
V
VDD = 3V
0.2
f(RING)
On-chip oscillator clock frequency
VDD = 5V
200
500
700
kHz
VDD = 3V
100
250
400
∆f(XIN)
Frequency error
(with RC oscillation, error of external RC not included)
(Note 1)
VDD = 5V
± 10 %, Ta = center 25 °C
± 17
%
VDD = 3V
± 10 %, Ta = center 25 °C
± 17
RCOM
COM output impedance
(Note 2)
VDD = 5V
1.5
7.5
k
Ω
VDD = 3V
2
10
RSEG
SEG output impedance
(Note 2)
VDD = 5V
1.5
7.5
k
Ω
VDD = 3V
2
10
RVLC
Internal resistor for LCD power supply
When dividing resistor 2r
× 3 selected
300
600
1200
k
Ω
When dividing resistor 2r
× 2 selected
200
400
800
When dividing resistor r
× 3 selected
150
300
600
When dividing resistor r
× 2 selected
100
200
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com