Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 140Page - Renesas Technology Corp 4559 Datasheet HTML 141Page - Renesas Technology Corp 4559 Datasheet HTML 142Page - Renesas Technology Corp 4559 Datasheet HTML 143Page - Renesas Technology Corp 4559 Datasheet HTML 144Page - Renesas Technology Corp 4559 Datasheet HTML 145Page - Renesas Technology Corp 4559 Datasheet HTML 146Page - Renesas Technology Corp 4559 Datasheet HTML 147Page - Renesas Technology Corp 4559 Datasheet HTML 148Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 146 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 146 of 146
REJ03B0188-0104
4559 Group
PACKAGE OUTLINE
INCLUDE TRIM OFFSET.
DIMENSION "*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
2.
Detail F
L1
L
Index mark
x
y
*3
*1
F
39
27
13
1
40
52
26
14
ZD
D
HD
bp
Terminal cross section
bp
b1
Previous Code
JEITA Package Code
RENESAS Code
PLQP0052JA-A
52P6A-A
MASS[Typ.]
0.3g
P-LQFP52-10x10-0.65
1.0
0.125
0.30
1.1
1.1
0.13
0.20
0.145
0.09
0.37
0.32
0.27
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
10.1
10.0
9.9
D
10.1
10.0
9.9
E
1.4
A2
12.2
12.0
11.8
12.2
12.0
11.8
1.7
A
0.15
0.1
0.05
0.65
0.5
0.35
L
x
8°
0°
c
0.65
e
0.10
y
HD
HE
A1
bp
b1
c1
ZD
ZE
L1
e
Under development



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com