Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 138Page - Renesas Technology Corp 4559 Datasheet HTML 139Page - Renesas Technology Corp 4559 Datasheet HTML 140Page - Renesas Technology Corp 4559 Datasheet HTML 141Page - Renesas Technology Corp 4559 Datasheet HTML 142Page - Renesas Technology Corp 4559 Datasheet HTML 143Page - Renesas Technology Corp 4559 Datasheet HTML 144Page - Renesas Technology Corp 4559 Datasheet HTML 145Page - Renesas Technology Corp 4559 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 142 of 146
REJ03B0188-0104
4559 Group
Note 1. The frequency is affected by a capacitor, a resistor and a microcomputer. So, set the constants within the range of the frequency
limits.
Note 2. If the rising time exceeds the maximum rating value, connect a capacitor between the RESET pin and Vss at the shortest
distance, and input “L” level to RESET pin until the value of supply voltage reaches the minimum operating voltage.
Fig 82. System clock (STCK) operating condition map
Table 32 Recommended operating conditions 2 (Ta = –20
°C to 85 °C, VDD = 1.8 to 5.5 V, unless otherwise noted)
Symbol
Parameter
Conditions
Limits
Unit
Min.
Typ.
Max.
f(XIN)
Oscillation frequency
(with a ceramic resonator)
f(STCK) = f(XIN)VDD = 4.0 V to 5.5 V
6
MHz
VDD = 2.7 V to 5.5 V
4.4
VDD = 2 V to 5.5 V
2.2
VDD = 1.8 V to 5.5 V
1.1
f(STCK) = f(XIN)/2
VDD = 2.7 V to 5.5 V
6
VDD = 2 V to 5.5 V
4.4
VDD = 1.8 V to 5.5 V
2.2
f(STCK) = f(XIN)/4, f(XIN)/8
VDD = 2 V to 5.5 V
6
VDD = 1.8 V to 5.5 V
4.4
f(XIN)
Oscillation frequency
(with an external clock input)
f(STCK) = f(XIN)VDD = 4 V to 5.5 V
4.8
MHz
VDD = 2.7 V to 5.5 V
3.2
VDD = 2 V to 5.5 V
1.6
VDD = 1.8 V to 5.5 V
0.8
f(STCK) = f(XIN)/2
VDD = 2.7 V to 5.5 V
4.8
VDD = 2 V to 5.5 V
3.2
VDD = 1.8 V to 5.5 V
1.6
f(STCK) = f(XIN)/4, f(XIN)/8
VDD = 2 V to 5.5 V
4.8
VDD = 1.8 V to 5.5 V
3.2
f(XIN)
Oscillation frequency
(at RC oscillation) (Note 1)
VDD = 2.7 to 5.5 V
4.4
MHz
f(XCIN)
Oscillation frequency
(at quarts-crystal oscillation)
Quartz-crystal oscillator
50
kHz
f(CNTR)
Timer external input frequency CNTR
f(STCK)/6
Hz
tw(CNTR)
Timer external input period
(“H” and “L” pulse width)
CNTR
3/f(STCK)
s
TPON
Power-on reset circuit valid
supply voltage rising time
(Note 2)
VDD = 0
→ 1.8V
100
µs
1.1
2.2
4.4
6
1.8 2
2.7
4
5.5
Recommended
operating conditions
with a ceramic resonator
f(STCK)
[MHz]
VDD
[V]
0.8
1.6
3.2
4.8
1.8 2
2.7
4
5.5
Recommended
operating conditions
at external clock oscillation
f(STCK)
[MHz]
VDD
[V]
4.4
2.7
5.5
Recommended
operating
conditions
at RC oscillation
f(STCK)
[MHz]
VDD
[V]
50
1.8
5.5
Recommended
operating conditions
at quartz-crystal oscillation
f(STCK)
[kHz]
VDD
[V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com