Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 137Page - Renesas Technology Corp 4559 Datasheet HTML 138Page - Renesas Technology Corp 4559 Datasheet HTML 139Page - Renesas Technology Corp 4559 Datasheet HTML 140Page - Renesas Technology Corp 4559 Datasheet HTML 141Page - Renesas Technology Corp 4559 Datasheet HTML 142Page - Renesas Technology Corp 4559 Datasheet HTML 143Page - Renesas Technology Corp 4559 Datasheet HTML 144Page - Renesas Technology Corp 4559 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 141 of 146
REJ03B0188-0104
4559 Group
Recommended operating conditions
Note 1. At 1/2 bias: VLC1 = VLC2 = (1/2)•VLC3
At 1/3 bias: VLC1 = (1/3)•VLC3, VLC2 = (2/3)•VLC3
Note 2. The average output current is the average value during 100ms.
Table 31 Recommended operating conditions 1 (Ta = –20
°C to 85 °C, VDD = 1.8 to 5.5 V, unless otherwise noted)
Symbol
Parameter
Conditions
Limits
Unit
Min.
Typ.
Max.
VDD
Supply voltage
(with a ceramic resonator)
f(STCK)
≤ 6MHz
4
5.5
V
f(STCK)
≤ 4.4MHz
2.7
5.5
f(STCK)
≤ 2.2MHz
2
5.5
f(STCK)
≤ 1.1MHz
1.8
5.5
VDD
Supply voltage
(when an external clock is
used)
f(STCK)
≤ 4.8MHz
4
5.5
V
f(STCK)
≤ 3.2MHz
2.7
5.5
f(STCK)
≤ 1.6MHz
2
5.5
f(STCK)
≤ 0.8MHz
1.8
5.5
VDD
Supply voltage
(when RC oscillation is used)
f(STCK)
≤ 4.4 MHz
2.7
5.5
V
VDD
Supply voltage
(when quartz-crystal oscillation
is used)
f(STCK)
≤ 50 kHz
1.8
5.5
V
VDD
Supply voltage
(when on-chip oscillation is
used)
1.8
5.5
V
VRAM
RAM back-up voltage
(at RAM back-up)
1.6
5.5
V
VSS
Supply voltage
0V
VLC3
LCD power supply (Note 1)
1.8
VDD
V
VIH
“H” level input voltage
P0, P1, P2, P3, D0–D5
0.8VDD
VDD
V
XIN, XCIN
0.7VDD
VDD
RESET
0.85VDD
VDD
INT
0.85VDD
VDD
CNTR
0.8VDD
VDD
VIL
“L” level input voltage
P0, P1, P2, P3, D0–D5
00.2VDD
V
XIN, XCIN
00.3VDD
RESET
00.3VDD
INT
00.15VDD
CNTR
0
0.15VDD
IOH(peak)
“H” level peak output current
P0, P1, P2, P3, D0–D5
VDD = 5V
−20
mA
VDD = 3V
−10
C/CNTR
VDD = 5V
−30
VDD = 3V
−15
IOH(avg)
“H” level average output current
(Note 2)
P0, P1, P2, P3, D0–D5
VDD = 5V
−10
mA
VDD = 3V
−5
C/CNTR
VDD = 5V
−20
VDD = 3V
−10
IOL(peak)
“L” level peak output current
P0, P1, P2, P3, D0–D7, C/CNTR
VDD = 5V
24
mA
VDD = 3V
12
RESET
VDD = 5V
10
VDD = 3V
4
IOL(avg)
“L” level average output current
(Note 2)
P0, P1, P2, P3, D0–D7, C/CNTR
VDD = 5V
15
mA
VDD = 3V
7
RESET
VDD = 5V
5
VDD = 3V
2
ΣIOH(avg)
“H” level total average current
P0, C/CNTR
−40
mA
P1, P2, P3, D0
−D5
−40
ΣIOL(avg)
“L” level total average current
P0, C/CNTR
40
mA
P1, P2, P3, D0
−D7, RESET
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com