Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 140Page - Renesas Technology Corp 4559 Datasheet HTML 141Page - Renesas Technology Corp 4559 Datasheet HTML 142Page - Renesas Technology Corp 4559 Datasheet HTML 143Page - Renesas Technology Corp 4559 Datasheet HTML 144Page - Renesas Technology Corp 4559 Datasheet HTML 145Page - Renesas Technology Corp 4559 Datasheet HTML 146Page - Renesas Technology Corp 4559 Datasheet HTML 147Page - Renesas Technology Corp 4559 Datasheet HTML 148Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 145 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 145 of 146
REJ03B0188-0104
4559 Group
Voltage drop detection circuit characteristics
Note 1. The detection voltage (VRST
−) is defined as the voltage when reset occurs when the supply voltage (VDD) is falling.
Note 2. The detection voltage (VRST+) is defined as the voltage when reset is released when the supply voltage (VDD) is rising from reset
occurs.
Note 3. When the supply voltage goes lower than the detection voltage (VSKIP), the voltage drop detection circuit interrupt request flag
(VDF) is set to “1“.
Note 4. Voltage drop detection circuit operation current (IRST) is added to IDD (power current) when voltage drop detection circuit is used.
Note 5. The detection time (TRST) is defined as the time until reset occurs when the supply voltage (VDD) is falling to [VRST-
−0.1V].
Basic timing diagram
Table 35 Voltage drop detection circuit characteristics (Ta = –20
°C to 85 °C, unless otherwise noted)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
VRST-
Detection voltage
(reset occurs) (Note 1)
Ta = 25
°C1.7
V
−20°C≤ Ta < 0°C1.6
2.2
0
°C≤ Ta < 50°C1.3
2.1
50
°C≤ Ta ≤ 85°C1.1
1.8
VRST+
Detection voltage
(reset release) (Note 2)
Ta = 25
°C1.8
V
−20°C≤ Ta < 0°C1.7
2.3
0
°C≤ Ta < 50°C1.4
2.2
50
°C≤ Ta ≤ 85°C1.2
1.9
VSKIP
Detection voltage
(skip occurs) (Note 3)
Ta = 25
°C2
V
−20°C≤ Ta < 0°C1.9
2.5
0
°C≤ Ta < 50°C1.6
2.4
50
°C≤ Ta ≤ 85°C1.4
2.1
VRST+
−VRST-
Detection voltage hysteresis
0.1
V
IRST
Operation current (Note 4)
VDD = 5V
30
60
µA
VDD = 3V
15
30
VDD = 1.8V
6
12
TRST
Detection time (Note 5)
VDD → (VRST-
−0.1V)
0.2
1.2
ms
System clock
STCK
Port output
D0 to D7
P00 to P03
P10 to P13
P20 to P23
P30 to P33, C
Port input
D0 to D5
P00 to P03
P10 to P13
P20 to P23
P30 to P33
Interrupt input
INT
Parameter
Pin name
Machine cycle
Mi
Mi + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com