Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 140Page - Renesas Technology Corp 4559 Datasheet HTML 141Page - Renesas Technology Corp 4559 Datasheet HTML 142Page - Renesas Technology Corp 4559 Datasheet HTML 143Page - Renesas Technology Corp 4559 Datasheet HTML 144Page - Renesas Technology Corp 4559 Datasheet HTML 145Page - Renesas Technology Corp 4559 Datasheet HTML 146Page - Renesas Technology Corp 4559 Datasheet HTML 147Page - Renesas Technology Corp 4559 Datasheet HTML 148Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 147 / 148 page
background image
(1/1)
REVISION HISTORY
4559 Group Datasheet
Rev.
Date
Description
Page
Summary
1.00
Jul 27, 2006
-
First edition issued
1.01
Apr 27, 2007
58
Fig56 stabilizing time b, d: (system clock division ratio × 15) times.
→
(system clock division ratio × 171) times.
1.02
May 25, 2007 All pages “PRELIMINARY” deleted
1.03
May 30, 2007
32
Fig33 ORCLK
→ ORCLK
33
Fig34 W30
→ W33
34,74
W33 Timer 3 count source selection bit 1 : Prescaler output (ORCLK)/2
→
Prescaler output (ORCLK)
1.04
Aug 23, 2007
4
Timer 1, Timer 2 Explanation of function revised.
Segment output “28”
→ “32”
21
Fig. 21 13FF16
→ 17FF16
25
(7)Interrupt sequence revised.
34
PA0 0 “Stop (state initialized)”
→ “Stop (state retained)”
W30, W31 “Timer 3 count source selection bits”
→“Timer 3 count value selection
bits”
W30 0 “XIN input”
→ “XCIN input”
55
Table 23: Note 4 is revised.
57
Fig. 56 Note 7 added.
65, 66, 67 QzROM Writing Mode added.
69
(2) Bit 3 of register I1 “(register L10=“0”)”
→“(register K20=“0”)”
(3) Bit 2 of register I1 “the external 1 interrupt request flag (EXF0)”
→“the external 0
interrupt request flag (EXF0)”
71
(27) Data Required for QzROM Writing Orders added.
72
Fig. 76 Note added.
73
Fig. 77 “VCC”
→”VDD”
77
PA0 Prascaler control bit 0 “Stop (state initialized)”
→ “Stop (state retained)”
W30, W31 “Timer 3 count source selection bits”
→“Timer 3 count value selection
bits”
84, 85, 86 Index pages added.
109
TAW4 Operation: “(A)
← (W5)”
→“(A) ← (W4)”
1/2
All trademarks and registered trademarks are the property of their respective owners.
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com