Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 140Page - Renesas Technology Corp 4559 Datasheet HTML 141Page - Renesas Technology Corp 4559 Datasheet HTML 142Page - Renesas Technology Corp 4559 Datasheet HTML 143Page - Renesas Technology Corp 4559 Datasheet HTML 144Page - Renesas Technology Corp 4559 Datasheet HTML 145Page - Renesas Technology Corp 4559 Datasheet HTML 146Page - Renesas Technology Corp 4559 Datasheet HTML 147Page - Renesas Technology Corp 4559 Datasheet HTML 148Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 144 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 144 of 146
REJ03B0188-0104
4559 Group
Note 1. The voltage drop detection circuit operation current (IRST) is added.
Note 2. When the internal dividing resistors for LCD power are used, the current values according to using resistor values are added.
Table 34 Electrical characteristics 2 (Ta = –20
°C to 85 °C, VDD = 1.8 to 5.5 V, unless otherwise noted)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
IDD
Supply current
at active mode
(with a ceramic oscillator)
(1, 2)
VDD = 5V
f(XIN) = 6MHz
f(RING) = stop
f(XCIN) = stop
f(STCK) = f(XIN)/8
1.2
2.4
mA
f(STCK) = f(XIN)/4
1.3
2.6
f(STCK) = f(XIN)/2
1.6
3.2
f(STCK) = f(XIN)2.2
4.4
VDD = 5V
f(XIN) = 4MHz
f(RING) = stop
f(XCIN) = stop
f(STCK) = f(XIN)/8
0.9
1.8
mA
f(STCK) = f(XIN)/4
1
2
f(STCK) = f(XIN)/2
1.2
2.4
f(STCK) = f(XIN)1.6
3.2
VDD = 3V
f(XIN) = 4MHz
f(RING) = stop
f(XCIN) = stop
f(STCK) = f(XIN)/8
0.3
0.6
mA
f(STCK) = f(XIN)/4
0.4
0.8
f(STCK) = f(XIN)/2
0.5
1
f(STCK) = f(XIN)0.7
1.4
at active mode
(with a quartz-crystal
oscillator)(1, 2)
VDD = 5V
f(XIN) = stop
f(RING) = stop
f(XCIN) = 32 kHz
f(STCK) = f(XCIN)/8
7
14
µA
f(STCK) = f(XCIN)/4
8
16
f(STCK) = f(XCIN)/2
10
20
f(STCK) = f(XCIN)14
28
VDD = 3V
f(XIN) = stop
f(RING) = stop
f(XCIN) = 32 kHz
f(STCK) = f(XCIN)/8
5
10
µA
f(STCK) = f(XCIN)/4
6
12
f(STCK) = f(XCIN)/2
7
14
f(STCK) = f(XCIN)8
16
at active mode
(with an on-chip oscillator)
(1, 2)
VDD = 5V
f(XIN) = stop
f(RING) = active
f(XCIN) = stop
f(STCK) = f(RING)/8
50
100
µA
f(STCK) = f(RING)/4
60
120
f(STCK) = f(RING)/2
80
160
f(STCK) = f(RING)
120
240
VDD = 3V
f(XIN) = stop
f(RING) = active
f(XCIN) = stop
f(STCK) = f(RING)/8
10
20
µA
f(STCK) = f(RING)/4
13
26
f(STCK) = f(RING)/2
19
38
f(STCK) = f(RING)
31
62
at clock operation mode
(POF instruction
execution)(1, 2)
f(XCIN) = 32 kHz
VDD = 5V
6
12
µA
VDD = 3V
5
10
at RAM back-up mode
(POF2 instruction
execution)(1)
Ta = 25
°C0.1
3
µA
VDD = 5V
10
VDD = 3V
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com