Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 57 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 57 Page - Intel Corporation

Back Button C200 Datasheet HTML 53Page - Intel Corporation C200 Datasheet HTML 54Page - Intel Corporation C200 Datasheet HTML 55Page - Intel Corporation C200 Datasheet HTML 56Page - Intel Corporation C200 Datasheet HTML 57Page - Intel Corporation C200 Datasheet HTML 58Page - Intel Corporation C200 Datasheet HTML 59Page - Intel Corporation C200 Datasheet HTML 60Page - Intel Corporation C200 Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
Specification Update
57
Documentation Changes
h. SUSPWRDNACK is mobile only - this is more clearly indicated in table 2-8 and table
8-9.
i. ACPRESENT is mobile only - this is more clearly indicated in table 2-8 and sections
5.13.7.6.1 and 5.13.7.6.2.
j. HDA_DOCK_EN# and HDA_DOCK_RST# pin functionality are mobile only - this is
more clearly indicated in table 2-14.
k. Section 13.10.2—GP_IO_SEL register default value is changed to EEFF66EFFh.
l. Section 13.10.15—GP_IO_SEL3 register default value is changed to 00000FF0h.
m. “Intel® RST SSD Caching” is changed to “Intel® Smart Response Technology” and
note 11 is removed from table 1-2.
n. The register named GPIO_SEL3 (GPIOBASE +44h) is changed to GP_IO_SEL3.
16.
Ballout Documentation Changes
a. In table 6-1, the following changes are made:
• Remove BATLOW# from GPIO72
• Remove HDA_DOCK_RST# from GPIO13
• Remove HDA_DOCK_EN# from GPIO33
• Remove CLKRUN# from GPIO32
• Remove SUSPWRDNACK from SUSWARN# / GPIO30 (and add spaces)
17.
Integrated Digital Display Audio Device and Revision IDs
a. The title of section 17.2 is changed to Integrated Digital Display Audio Registers,
Verb IDs, and Device/Revision IDs
b. The following section is added at the conclusion of section 17.2.1:
Integrated Digital Display Audio Device ID and Revision ID
The Intel 6 Series Chipset/Intel C200 Series Chipset provides a Device ID of 2805h for
the integrated digital display audio codec. This is not a PCI Device ID. Instead, it is a
Device ID associated with the Intel HD Audio bus.
The integrated digital display codec Revision ID is 00h for all PCH steppings.
Memory Range
Target
Dependency/Comments
FEC1 8000h–FEC1 FFFFh
PCI Express* Port 2
PCI Express* Root Port 2 I/OxAPIC Enable (PAE) set
FEC2 8000h–FEC2 FFFFh
PCI Express* Port 4
PCI Express* Root Port 4 I/OxAPIC Enable (PAE) set
FEC3 8000h–FEC3 FFFFh
PCI Express* Port 6
PCI Express* Root Port 6 I/OxAPIC Enable (PAE) set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com