Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 4 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 4 Page - Intel Corporation

  C200 Datasheet HTML 1Page - Intel Corporation C200 Datasheet HTML 2Page - Intel Corporation C200 Datasheet HTML 3Page - Intel Corporation C200 Datasheet HTML 4Page - Intel Corporation C200 Datasheet HTML 5Page - Intel Corporation C200 Datasheet HTML 6Page - Intel Corporation C200 Datasheet HTML 7Page - Intel Corporation C200 Datasheet HTML 8Page - Intel Corporation C200 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
Revision History
4
Specification Update
Revision History
Revision
Description
Date
001
• Initial Release
January 2011
002
•Updated
—Top Markings
— PCH Device and Revision Identification
•Added
— Erratum 14: SATA Ports 2-5 Issue
February 2011
003
•Updated
—Top Markings
— PCH Device and Revision Identification
February 2011
004
•Added
—Intel® Q65 Chipset to Top Markings and PCH Device and Revision Identification
— Specification Change 1: Intel Q65 SKU Addition
April 2011
005
•Removed
— Specification Change 1 that went into Datasheet rev 003
•Added
—Intel® C200 Series Chipsets to Top Markings, PCH Device and Revision
Identification, and Errata
April 2011
006
•Added
—Intel® Z68 Chipset to Top Markings and PCH Device and Revision Identification
May 2011
007
•Updated
— Erratum 12: High-speed USB 2.0 Transmit Signal Amplitude
•Added
—Erratum 15: Intel® ME Clock Throttling Failure Causes Hang
July 2011
008
•Updated
— PCH Device and Revision Identification
— Erratum 12 and USB terminology changed for consistency on various errata
•Added
— Errata 16: USB Full-/low-speed Port Reset or Clear TT Buffer Request and 17:
Intel® 82579 Gigabit Ethernet Controller Transmission Issue
— Specification Change 1: LED Locate Intel® Rapid Storage Technology Capability
Removal
— Specification Clarifications: 1: Device 31 Function 6 Disable Bit, 2: LAN Disable
Reset, 3: SGPIO Signal Usage, 4: RTCRST# and SRTCRST# Clarification, 5: PPM of
25 MHz Option for CLKOUTFLEX2, 6: SATA Alternate ID Enable Definition Update,
7: SATA Hot Plug Operation, 8: GPIO13 Voltage Tolerance, and 9: EHCI
Configuration Programming
— Documentation Changes: 1: Addition of LPC Capability List Pointer Register, 2:
Intel® Smart Response Technology Functional Description Updates, 3: Addition of
Legacy ATA Backwards Compatibility Registers, 4: DMI L1 Exit Latency
Documentation Change, 5: Device 30 Function 0 Naming Consistency Change, 6:
Gigabit Ethernet Capabilities and Status Registers Additions, 7: Measured ICC
Corrections, and 8: Miscellaneous Documentation Corrections
August 2011
009
•Added
— Specification Change: 2: Removal of S1 Support on Intel® C200 Series Chipset
— Specification Clarifications: 10: PCH Thermal Sensor Temperature Range and 11:
Secondary PCI Device Hiding Register Attribute Clarification
— Documentation Changes: 9: 25 MHz Flex Clock AC Timings, 10: Fan Speed Control
Signals Functional Description Introduction, 11: SMBus/SMLink Timing Naming
Corrections, 12: PCI Express* Lane Reversal Bit Change, 13: Auxiliary Trip Point
Lock Bit Correction, 14: Top Swap Updates, and 15: Miscellaneous Documentation
Corrections II
September 2011
010
•Updated
— PCIe* PCH Device and Revision ID Table
— Documentation Change: PCI Express* Lane Reversal Bit Change
•Added
— Specification Clarifications: 12: GPIO Lock Clarification and 13: GPIO13 Voltage
Well
— Documentation Change: 16: Ballout Documentation Changes
October 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com