Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 59 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 59 Page - Intel Corporation

Back Button C200 Datasheet HTML 55Page - Intel Corporation C200 Datasheet HTML 56Page - Intel Corporation C200 Datasheet HTML 57Page - Intel Corporation C200 Datasheet HTML 58Page - Intel Corporation C200 Datasheet HTML 59Page - Intel Corporation C200 Datasheet HTML 60Page - Intel Corporation C200 Datasheet HTML 61Page - Intel Corporation C200 Datasheet HTML 62Page - Intel Corporation C200 Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 82 page
background image
Specification Update
59
Documentation Changes
e. Section 21.4.4 FADDR—Flash Address Register (GbE LAN Memory Mapped
Configuration Registers) bits 24:0 are modified as shown:
f. Section 21.4.6 FRAP—Flash Regions Access Permissions Register (GbE LAN Memory
Mapped Configuration Registers) is modified as shown:
g. Bits 7 and 6 of section 21.4.13 SSFS—Software Sequencing Flash Status Register
(GbE LAN Memory Mapped Configuration Registers) are added as:
Bit
Description
2
Access Error Log (AEL)— R/WC. Hardware sets this bit to a 1 when an attempt was
made to access the GbE region using the direct access method or an access to the GbE
Program Registers that violated the security restrictions. This bit is simply a log of an
access security violation. This bit is cleared by software writing a 1.
Bit
Description
24:0
Flash Linear Address (FLA) — R/W. The FLA is the starting byte linear address of a
SPI Read or Write cycle or an address within a Block for the Block Erase command. The
Flash Linear Address must fall within a region for which GbE has access permissions.
Bit
Description
31:24
GbE Master Write Access Grant (GMWAG) — R/W. Each bit 31:24 corresponds to
Master[7:0]. GbE can grant one or more masters write access to the GbE region 3
overriding the permissions in the Flash Descriptor.
Master[1] is Host Processor/BIOS, Master[2] is Intel® Management Engine, Master[3]
is Host processor/GbE. Master[0] and Master[7:4] are reserved.
The contents of this register are locked by the FLOCKDN bit.
23:16
GbE Master Read Access Grant (GMRAG) — R/W. Each bit 23:16 corresponds to
Master[7:0]. GbE can grant one or more masters read access to the GbE region 3
overriding the read permissions in the Flash Descriptor.
Master[1] is Host processor/BIOS, Master[2] is Intel® Management Engine, Master[3]
is GbE. Master[0] and Master[7:4] are reserved.
The contents of this register are locked by the FLOCKDN bit
15:8
GbE Region Write Access (GRWA) — RO. Each bit 15:8 corresponds to Regions 7:0.
If the bit is set, this master can erase and write that particular region through register
accesses.
The contents of this register are that of the Flash Descriptor. Flash Master 3. Master
Region Write Access OR a particular master has granted GbE write permissions in their
Master Write Access Grant register OR the Flash Descriptor Security Override strap is
set.
7:0
GbE Region Read Access (GRRA) — RO. Each bit 7:0 corresponds to Regions 7:0. If
the bit is set, this master can read that particular region through register accesses.
The contents of this register are that of the Flash Descriptor. Flash Master 3. Master
Region Write Access OR a particular master has granted GbE read permissions in their
Master Read Access Grant register.
Bit
Description
7
Fast Read Supported — RO. This bit reflects the value of the Fast Read Support bit in
the flash Descriptor Component Section.
6
Dual Output Fast Read Supported — RO. This bit reflects the value of the Dual
Output Fast Read support bit in the Flash Descriptor Component Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com