Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 79 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 79 Page - Intel Corporation

Back Button C200 Datasheet HTML 74Page - Intel Corporation C200 Datasheet HTML 75Page - Intel Corporation C200 Datasheet HTML 76Page - Intel Corporation C200 Datasheet HTML 77Page - Intel Corporation C200 Datasheet HTML 78Page - Intel Corporation C200 Datasheet HTML 79Page - Intel Corporation C200 Datasheet HTML 80Page - Intel Corporation C200 Datasheet HTML 81Page - Intel Corporation C200 Datasheet HTML 82Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 79 / 82 page
background image
Specification Update
79
Documentation Changes
The Device Driver code should do the following for an available timer:
1. Set the Overall Enable bit (Offset 10h, bit 0).
2. Set the timer type field (selects one-shot or periodic).
3. Set the interrupt enable.
4. Set the comparator value.
5.17.5 Interrupt Levels
Interrupts directed to the internal 8259s are active high. See Section 5.9 for
information regarding the polarity programming of the I/O APIC for detecting internal
interrupts.
If the interrupts are mapped to the 8259 or I/O APIC and set for level-triggered mode,
they can be shared with PCI interrupts.
If more than one timer is configured to share the same IRQ (using the
TIMERn_INT_ROUT_CNF fields), then the software must configure the timers to
level-triggered mode. Edge-triggered interrupts cannot be shared.
5.17.6 Handling Interrupts
Section 2.4.6 of the IA-PC HPET Specification describes Handling Interrupts.
5.17.7 Issues Related to 64-Bit Timers with 32-Bit Processors
Section 2.4.7 of the IA-PC HPET Specification describes Issues Related to 64-Bit Timers
with 32-Bit Processors.
b. The following replaces section 5.27.5:
5.27.5 Virtualization Support for High Precision Event Timer (HPET)
The Intel VT-d architecture extension requires Interrupt Messages to go through the
similar Address Remapping as any other memory requests. This is to allow domain
isolation for interrupts such that a device assigned in one domain is not allowed to
generate interrupts to another domain.
The Address Remapping for Intel VT-d is based on the Bus:Device:Function field
associated with the requests. Hence, it is required for the HPET to initiate processor
message interrupts using unique Bus:Device:Function.
The PCH supports BIOS programmable unique Bus:Device:Function for each of the
HPET timers. The Bus:Device:Function field does not change the HPET functionality in
anyway, nor promoting it as a stand-alone PCI device. The field is only used by the
HPET timer in the following:
• As the Requestor ID when initiating processor message interrupts to the processor
• As the Completer ID when responding to the reads targeting its Memory-Mapped
registers
• The registers for the programmable Bus:Device:Function for HPET timer 7:0 reside
under the Device 31:Function 0 LPC Bridge’s configuration space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com