Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 74 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 74 Page - Intel Corporation

Back Button C200 Datasheet HTML 70Page - Intel Corporation C200 Datasheet HTML 71Page - Intel Corporation C200 Datasheet HTML 72Page - Intel Corporation C200 Datasheet HTML 73Page - Intel Corporation C200 Datasheet HTML 74Page - Intel Corporation C200 Datasheet HTML 75Page - Intel Corporation C200 Datasheet HTML 76Page - Intel Corporation C200 Datasheet HTML 77Page - Intel Corporation C200 Datasheet HTML 78Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 82 page
background image
Documentation Changes
74
Specification Update
f. The following sentence in section 5.21.3.6 Temperature Comparator and Alert:
In general the TEMP_ALERT# signal will assert within a 1–4 seconds, depending on the
actual BIOS implementation and flow.
is changed to:
In general the TEMP_ALERT# signal will assert within 1–4 seconds, depending on the
actual BIOS implementation and flow.
g. Section 5.21.3.8.2 title is changed from Power On to Block Read Special Handling
h. Note 1 is added to PWM[3:0] in table 8-9 DC Characteristic Output Signal
Association.
26.
PCI Express* Initialization Registers Corrections
19.1.62 PECR2 — PCI Express* Configuration Register 2 and 19.1.64 PEC1 — PCI
Express Configuration Register 1 are removed from the Datasheet. No BIOS
programming is required.
27.
VccSus3_3 Description
The description for VccSus3_3 in table 2-26 is changed as shown:
28.
Register Default Value Corrections
The following table lists the correct default value for the given register at the location of
the incorrect value.
Name
Description
VccSus3_3
3.3 V supply for suspend well I/O buffers. This power may be shut off in the
Deep S4/S5 or G3 states.
Register Name
Location of Incorrect
Default Value
Correct Default Value
USBOCM1
Table 10-1
C0300C03h
BIOS_CNTL
Table 13-1
20h
CAP
Table 15-1
70h
EHCIIR1
Section 16.1.31
83088E01h
XCAP
Table 19-1
0042h
DCAP
Table 19-1
00008000h
SLCAP
Table 19-1
00040060h
CEM
Table 19-1
00002000h
SSFC
Table 21-1
F80000h
FRAP
Table 21-2
00000088h
CC
Table 23-1
078000h
CC
Table 23-3
078000h
HTYPE
Table 23-1
80h
HTYPE
Table 23-3
80h
HERES
Section 23.1.1.26
40000000h
HERES
Section 23.2.1.25
40000000h
ME_CB_RW
Table 23-2
FFFFFFFFh
ME_CB_RW
Table 23-4
FFFFFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com