Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 25 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 25 Page - Intel Corporation

Back Button C200 Datasheet HTML 21Page - Intel Corporation C200 Datasheet HTML 22Page - Intel Corporation C200 Datasheet HTML 23Page - Intel Corporation C200 Datasheet HTML 24Page - Intel Corporation C200 Datasheet HTML 25Page - Intel Corporation C200 Datasheet HTML 26Page - Intel Corporation C200 Datasheet HTML 27Page - Intel Corporation C200 Datasheet HTML 28Page - Intel Corporation C200 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
Specification Update
25
Specification Changes
Specification Changes
1.
LED Locate Intel® Rapid Storage Technology (Intel® RST) Capability
Removal
Bit 7 of 14.4.1.10 RSTF—Intel® RST Feature Capabilities Register (ABAR + C8h–C9h),
previously known as the LED Locate (LEDL) bit, is changed to Reserved.
2.
Removal of S1 Support on Intel® C200 Series Chipset
The S1 power state is no longer supported for the Intel® C200 Series Chipset. The
change is made accordingly in the Datasheet.
3.
A20GATE and A20M# Functionality Removal
A20M# functionality is not supported on processors on Intel® 6 Series Chipset and
Intel C200 Series Chipset-based platforms.
a. Table 2-9 is updated as shown:
b. Table 3-4 is updated as shown:
c. Table 3-5 is updated as shown:
d. A20M# is removed as a VLW message from section 5.12.
e. Section 5.12.1.1 is removed.
f. A20GATE/A20M# removed from section 5.12.2.1.
g. A20M# removed from section 5.12.3.
Name
Type
Description
A20GATE
I
A20 Gate: Functionality reserved. A20M# functionality is not
supported.
Signal Name
Power Well
Driver During Reset
S0/S1
S3
S4/S5
Processor Interface
A20GATE
Core
External Micro controller or
Pull-up
Static
Off
Off
Signal Name
Power Well
Driver During Reset
C-x
states
S0/S1S3S4/S5
Processor Interface
A20GATE
Core
External Micro controller
or Pull-up
Static
Static
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com