Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 42 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 42 Page - Intel Corporation

Back Button C200 Datasheet HTML 38Page - Intel Corporation C200 Datasheet HTML 39Page - Intel Corporation C200 Datasheet HTML 40Page - Intel Corporation C200 Datasheet HTML 41Page - Intel Corporation C200 Datasheet HTML 42Page - Intel Corporation C200 Datasheet HTML 43Page - Intel Corporation C200 Datasheet HTML 44Page - Intel Corporation C200 Datasheet HTML 45Page - Intel Corporation C200 Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
Specification Clarifications
42
Specification Update
23.
ACPRESENT Definition
Table 2-8 Power Management Interface Signals is modified as shown:
24.
SPI Overview
The Serial Peripheral Interface (SPI) subsection of section 1.2.1 Capability Overview is
replaced as follows:
The PCH provides an SPI Interface and is required to be used on the platform in order
to provide chipset configuration settings and Intel ME firmware. If integrated Gigabit
Ethernet MAC/PHY is implemented on the platform, the interface is used for this device
configuration settings. The interface may also be used as the interface for the BIOS
flash device or alternatively a FWH on LPC may be used. The PCH supports up to two
SPI flash devices using two chip select pins with speeds up to 50 MHz.
§ §
MGPIO6
GPIO27
MGPIO7
GPIO28
MGPIO8
SML1ALERT#/PCHHOT#/GPIO74
Table 2-27 Server MGPIO Signal to Pin Name Conversion Table (Sheet 2 of 2)
MGPIO
Ballout Pin Name
Name
Type
Description
ACPRESENT
(Mobile Only)
/ GPIO31
I
ACPRESENT: This input pin indicates when the platform is plugged
into AC power or not. In addition to the previous Intel® ME to EC
communication, the PCH uses this information to implement the Deep
S4/S5 policies. For example, the platform may be configured to enter
Deep S4/S5 when in S4 or S5 and only when running on battery. This
is powered by Deep S4/S5 Well.
Mobile: This GPIO pin is permanently appropriated by the Intel ME for
ACPRESENT function.
Desktop: This pin is only GPIO31, ACPRESENT is not supported.
NOTE: This signal is muxed with GPIO31 but GPIO_USE_SEL[31] is
internally hardwired to a 1b, which means GPIO mode is
permanently selected and cannot be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com