Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 38 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 38 Page - Intel Corporation

Back Button C200 Datasheet HTML 34Page - Intel Corporation C200 Datasheet HTML 35Page - Intel Corporation C200 Datasheet HTML 36Page - Intel Corporation C200 Datasheet HTML 37Page - Intel Corporation C200 Datasheet HTML 38Page - Intel Corporation C200 Datasheet HTML 39Page - Intel Corporation C200 Datasheet HTML 40Page - Intel Corporation C200 Datasheet HTML 41Page - Intel Corporation C200 Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 82 page
background image
Specification Clarifications
38
Specification Update
17.
Power Button Override and Deep S4/S5
a. The following note is added to the PWRBTN# Description in table 2-8 Power
Management Interface Signals:
Note: Upon entry to S5 due to a power button override, if Deep S4/S5 is enabled and
conditions are met per section 5.13.7.6, the system will transition to Deep S4/S5.
b. The following is added as note 5 to table 5-23 State Transition Rules for the PCH and
applies to all Power Button Override statements in the table:
Note: Upon entry to S5 due to a power button override, if Deep S4/S5 is enabled and
conditions are met per section 5.13.7.6, the system will transition to Deep S4/S5.
c. Table 5-32 Transitions Due to Power Button is modified as shown:
d. The Power Button Override Function sub-section of section 5.13.8.1 PWRBTN#
(Power Button) is replaced with the following:
If PWRBTN# is observed active for at least four consecutive seconds, the state machine
unconditionally transitions to the G2/S5 state or Deep S4/S5, regardless of present
state (S0–S4), even if the PCH PWROK is not active. In this case, the transition to the
G2/S5 state or Deep S4/S5 does not depend on any particular response from the
processor (such as, a DMI Messages), nor any similar dependency from any other
subsystem.
The PWRBTN# status is readable to check if the button is currently being pressed or
has been released. The status is taken after the de-bounce, and is readable using the
PWRBTN_LVL bit.
Note:
The 4-second PWRBTN# assertion should only be used if a system lock-up has
occurred. The 4-second timer starts counting when the PCH is in a S0 state. If the
PWRBTN# signal is asserted and held active when the system is in a suspend state
(S1–S5), the assertion causes a wake event. Once the system has resumed to the S0
state, the 4-second timer starts.
Note:
During the time that the SLP_S4# signal is stretched for the minimum assertion width
(if enabled by D31:F0:A4h Bit 3), the Power Button is not a wake event. As a result, it
is conceivable that the user will press and continue to hold the Power Button waiting for
the system to awake. Since a 4-second press of the Power Button is already defined as
an Unconditional Power down, the power button timer will be forced to inactive while
the power-cycle timer is in progress. Once the power-cycle timer has expired, the
Power Button awakes the system. Once the minimum SLP_S4# power cycle expires,
the Power Button must be pressed for another 4 to 5 seconds to create the Override
condition.
Present
State
Event
Transition/Action
Comment
S0–S4
PWRBTN# held low
for at least 4
consecutive seconds
Unconditional transition to
S5 state and if Deep S4/S5
is enabled and conditions
are met per section
5.13.7.6, the system will
then transition to Deep
S4/S5.
No dependence on processor
(DMI Messages) or any other
subsystem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com