Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 65 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 65 Page - Intel Corporation

Back Button C200 Datasheet HTML 61Page - Intel Corporation C200 Datasheet HTML 62Page - Intel Corporation C200 Datasheet HTML 63Page - Intel Corporation C200 Datasheet HTML 64Page - Intel Corporation C200 Datasheet HTML 65Page - Intel Corporation C200 Datasheet HTML 66Page - Intel Corporation C200 Datasheet HTML 67Page - Intel Corporation C200 Datasheet HTML 68Page - Intel Corporation C200 Datasheet HTML 69Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
Specification Update
65
Documentation Changes
Table 6-3. Mobile SFF
PCH Ballout By Signal
Name
SFF Ball Name
Ball #
A20GATE
U3
ACPRESENT /
GPIO31
H19
APWROK
G3
BATLOW# / GPIO72 H10
BMBUSY# / GPIO0
W1
CL_CLK1
L3
CL_DATA1
J1
CL_RST1#
M8
CLKIN_DMI_N
BD17
CLKIN_DMI_P
BF17
CLKIN_DOT_96N
M24
CLKIN_DOT_96P
K24
CLKIN_GND1_N
BB26
CLKIN_GND1_P
AY26
CLKIN_PCILOOPBA
CK
E51
CLKIN_SATA_N
AK8
CLKIN_SATA_P
AK6
CLKOUT_DMI_N
BB24
CLKOUT_DMI_P
AY24
CLKOUT_DP_N
AN10
CLKOUT_DP_P
AN12
CLKOUT_ITPXDP_N
AR12
CLKOUT_ITPXDP_P
AR10
CLKOUT_PCI0
G51
CLKOUT_PCI1
E49
CLKOUT_PCI2
H48
CLKOUT_PCI3
J43
CLKOUT_PCI4
G45
CLKOUT_PCIE0N
AD48
CLKOUT_PCIE0P
AD50
CLKOUT_PCIE1N
AE49
CLKOUT_PCIE1P
AE51
CLKOUT_PCIE2N
AD40
CLKOUT_PCIE2P
AD42
CLKOUT_PCIE3N
AA49
CLKOUT_PCIE3P
AA51
CLKOUT_PCIE4N
Y48
CLKOUT_PCIE4P
Y50
CLKOUT_PCIE5N
AB40
CLKOUT_PCIE5P
AB42
CLKOUT_PCIE6N
AB44
CLKOUT_PCIE6P
AB46
CLKOUT_PCIE7N
W44
CLKOUT_PCIE7P
W46
CLKOUT_PEG_A_N
AF44
CLKOUT_PEG_A_P
AF46
CLKOUT_PEG_B_N
AF40
CLKOUT_PEG_B_P
AF42
CLKOUTFLEX0 /
GPIO64
H50
CLKOUTFLEX1 /
GPIO65
D48
CLKOUTFLEX2 /
GPIO66
G49
CLKOUTFLEX3 /
GPIO67
J51
CLKRUN# / GPIO32
T2
CRT_BLUE
M46
CRT_DDC_CLK
R49
CRT_DDC_DATA
N49
CRT_GREEN
R46
CRT_HSYNC
M50
CRT_IRTN
T48
CRT_RED
U46
CRT_VSYNC
N51
DAC_IREF
R51
DcpRTC
R15
DcpRTC
U15
DcpSST
U17
DcpSus
AR33
DcpSus
AU31
DcpSus
AU33
DcpSus
V13
DcpSusByp
R10
DDPB_0N
AY48
DDPB_0P
AY50
DDPB_1N
AY44
DDPB_1P
AY46
DDPB_2N
BB44
DDPB_2P
BB46
DDPB_3N
BA49
DDPB_3P
BA51
DDPB_AUXN
AW51
DDPB_AUXP
AW49
DDPB_HPD
AY42
SFF Ball Name
Ball #
DDPC_0N
BC49
DDPC_0P
BC51
DDPC_1N
BD48
DDPC_1P
BD50
DDPC_2N
BF46
DDPC_2P
BF45
DDPC_3N
BE49
DDPC_3P
BE51
DDPC_AUXN
AU51
DDPC_AUXP
AU49
DDPC_CTRLCLK
T50
DDPC_CTRLDATA
U44
DDPC_HPD
BE46
DDPD_0N
BG51
DDPD_0P
BG49
DDPD_1N
BF42
DDPD_1P
BD42
DDPD_2N
BJ47
DDPD_2P
BL47
DDPD_3N
BL45
DDPD_3P
BJ45
DDPD_AUXN
AU46
DDPD_AUXP
AU44
DDPD_CTRLCLK
M48
DDPD_CTRLDATA
U42
DDPD_HPD
BK44
DF_TVS
BC7
DMI_IRCOMP
BD19
DMI_ZCOMP
BF19
DMI0RXN
BL21
DMI0RXP
BJ21
DMI0TXN
BD22
DMI0TXP
BF22
DMI1RXN
BL23
DMI1RXP
BJ23
DMI1TXN
BB22
DMI1TXP
AY22
DMI2RBIAS
BK20
DMI2RXN
BJ19
DMI2RXP
BL19
DMI2TXN
BB19
DMI2TXP
AY19
DMI3RXN
BL17
DMI3RXP
BJ17
SFF Ball Name
Ball #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com