Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 43 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 43 Page - Intel Corporation

Back Button C200 Datasheet HTML 39Page - Intel Corporation C200 Datasheet HTML 40Page - Intel Corporation C200 Datasheet HTML 41Page - Intel Corporation C200 Datasheet HTML 42Page - Intel Corporation C200 Datasheet HTML 43Page - Intel Corporation C200 Datasheet HTML 44Page - Intel Corporation C200 Datasheet HTML 45Page - Intel Corporation C200 Datasheet HTML 46Page - Intel Corporation C200 Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
Specification Update
43
Documentation Changes
Documentation Changes
1.
Addition of LPC Capability List Pointer Register
The following is added immediately after 13.1.11:
CAPP – Capability List Pointer Register (LPC I/F—D31:F0)
Offset Address: 34h
Attribute:
RO
Default Value:
E0h
Size:
8 bits
2.
Intel® Smart Response Technology Functional Description Updates
The following replaces section 5.16.8:
Part of the Intel® RST storage class driver feature set, Intel® Smart Response
Technology implements storage I/O caching to provide users with faster response times
for things like system boot and application startup. On a traditional system,
performance of these operations is limited by the hard drive, particularly when there
may be other I/O intensive background activities running simultaneously, like system
updates or virus scans. Intel Smart Response Technology accelerates the system
response experience by putting frequently-used blocks of disk data on an SSD,
providing dramatically faster access to user data than the hard disk alone can provide.
The user sees the full capacity of the hard drive with the traditional single drive letter
with overall system responsiveness similar to what an SSD-only system provides.
See Section 1.3 for SKUs enabled for Intel Smart Response Technology.
3.
Addition of Legacy ATA Backwards Compatibility Registers
a. Section 14.1.22 IDE_TIM — IDE Timing Register is modified as shown:
Bit
Description
7:0
Capability Pointer (CP) — RO. Indicates the offset of the first Capability
Item.
Bit
Description
15
IDE Decode Enable (IDE) — R/W. Individually enable/disable the Primary or
Secondary decode.
0 = Disable.
1 = Enables the PCH to decode the associated Command Block (1F0–1F7h for primary,
170–177h for secondary, or their native mode BAR equivalents) and Control Block
(3F6h for primary, 376h for secondary, or their native mode BAR equivalents).
This bit effects the IDE decode ranges for both legacy and native-mode decoding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com