Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 34 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 34 Page - Intel Corporation

Back Button C200 Datasheet HTML 30Page - Intel Corporation C200 Datasheet HTML 31Page - Intel Corporation C200 Datasheet HTML 32Page - Intel Corporation C200 Datasheet HTML 33Page - Intel Corporation C200 Datasheet HTML 34Page - Intel Corporation C200 Datasheet HTML 35Page - Intel Corporation C200 Datasheet HTML 36Page - Intel Corporation C200 Datasheet HTML 37Page - Intel Corporation C200 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
Specification Clarifications
34
Specification Update
GPIO558
I/O
3.3 V
Core
Native
No
No
No
Desktop: Multiplexed with
GNT3#
Mobile: Used as GPIO only
GPIO54
I/O
5.0 V
Core
Native
No
No
No
Desktop: Multiplexed with
REQ3#10.
Mobile: Used as GPIO only
GPIO538
I/O
3.3 V
Core
Native
No
No
No
Desktop: Multiplexed with
GNT2#
Mobile: Used as GPIO only
GPIO52
I/O
5.0 V
Core
Native
No
No
No
Desktop: Multiplexed with
REQ2#10.
Mobile: Used as GPIO only
GPIO518
I/O
3.3 V
Core
Native
No
No
No
Desktop: Multiplexed with
GNT1#
Mobile: Used as GPIO only
GPIO50
I/O
5.0 V
Core
Native
No
No
No
Desktop: Multiplexed with
REQ1#10.
Mobile: Used as GPIO only
GPIO49
I/O
3.3 V
Core
GPI
No
No
No
Multiplexed with SATA5GP and
TEMP_ALERT#
GPIO48
I/O
3.3 V
Core
GPI
No
No
No
Multiplexed with SDATAOUT1.
GPIO47
(Mobile
Only)
I/O
3.3 V
Suspend
Native
No
No
No
Multiplexed with
PEG_A_CLKRQ#
GPIO46
I/O
3.3 V
Suspend
Native
No
No
No
Multiplexed with PCIECLKRQ7#
GPIO45
I/O
3.3 V
Suspend
Native
No
No
No
Multiplexed with PCIECLKRQ6#
GPIO44
I/O
3.3 V
Suspend
Native
No
No
No
Multiplexed with PCIECLKRQ5#
GPIO[43:
40]
I/O
3.3 V
Suspend
Native
No
No
No
Multiplexed with OC[4:1]#10.
GPIO39
I/O
3.3 V
Core
GPI
No
No
No
Multiplexed with SDATAOUT0.
GPIO38
I/O
3.3 V
Core
GPI
No
No
No
Multiplexed with SLOAD.
GPIO378
I/O
3.3 V
Core
GPI
No
No
No
Multiplexed with SATA3GP.
GPIO368
I/O
3.3 V
Core
GPI
No
No
No
Multiplexed with SATA2GP.
GPIO35
I/O
3.3 V
Core
GPO
No
No
No
Multiplexed with NMI#.
GPIO34
I/O
3.3 V
Core
GPI
No
No
No
Multiplexed with STP_PCI#
GPIO33
I/O
3.3 V
Core
GPO
No
No
No
Mobile: Multiplexed with
HDA_DOCK_EN# (Mobile
Only)4.
Desktop: Used as GPIO only
GPIO32
(not
available
in Mobile)
I/O
3.3 V
Core
GPO,
Native
(Mobile
only)
No
No
No
Unmultiplexed (Desktop Only)
Mobile Only: Used as
CLKRUN#, unavailable as
GPIO4.
Table 2-24 General Purpose I/O Signals (Sheet 2 of 5)
Name
Type
Toler-
ance
Power
Well
Default
Blink
Capa-
bility
Glitch
Protection
during
Power-On
Sequence
GPI
Event
Support
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com