Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 52 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 52 Page - Intel Corporation

Back Button C200 Datasheet HTML 48Page - Intel Corporation C200 Datasheet HTML 49Page - Intel Corporation C200 Datasheet HTML 50Page - Intel Corporation C200 Datasheet HTML 51Page - Intel Corporation C200 Datasheet HTML 52Page - Intel Corporation C200 Datasheet HTML 53Page - Intel Corporation C200 Datasheet HTML 54Page - Intel Corporation C200 Datasheet HTML 55Page - Intel Corporation C200 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
Documentation Changes
52
Specification Update
g. 82C37 is changed to 8237 throughout document.
h. 82C54 is changed to 8254 throughout document.
i. 82C59 is changed to 8259 throughout document.
j. The second paragraph of section 5.10 is changed as shown:
The PCH supports a message for 21 serial interrupts. These represent the 15 ISA
interrupts (IRQ0–1, 3–15), the four PCI interrupts, and the control signals SMI# and
IOCHK#. The serial IRQ protocol does not support the additional APIC interrupts
(20–23).
k. Section 5.13.11 Clock Generators is removed.
l. Section 5.8.4.6 Cascade Mode is removed.
m. THERM_ALERT# is changed to TEMP_ALERT# throughout document.
n. Section 10.1.36 PRSTS—Power and Reset Status Register (RCBA+3310h) bit 4 is
changed as shown:
o. The following table lists changes to terms (bit names) made throughout the
document to ensure consistent naming throughout the document.
p. The following sentence is removed from section 5.16.7:
“By using the PCH’s built-in Intel Rapid Storage Technology, there is no loss of PCI
resources (request/grant pair) or add-in card slot.”
q. Section 14.4.2.5 PxIS—Port [5:0] Interrupt Status Register (ABAR+110h, 190h,
210h, 290h, 310h, 390h) bit 23 is changed as shown:
r. Section 14.4.2.6 PxIE—Port [5:0] Interrupt Enable Register (ABAR+114h, 194h,
214h, 294h, 314h, 394h) bit 23 is changed as shown:
Bit
Description
4
PRSTS Field 1 — R/WC. BIOS may write to this bit field.
Old Term
New (Correct) Term
CPUSCI_STS
DMISCI_STS
CPUSMI_STS
DMISMI_STS
USB2_STS
INTEL_USB2_STS
USB2_EN
INTEL_USB2_EN
SWGPE
SWGPE_EN
SPI_SMI_STS
SPI_STS
SMI_ON_SLP_EN_STS
SLP_SMI_STS
SMI_ON_SLP_EN
SLP_SMI_EN
OS_TCO_SMI
SW_TCO_SMI
Bit
Description
23
Incorrect Port Multiplier Status (IPMS) — R/WC. The PCH SATA controller does not
support Port Multipliers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com