Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 18 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 18 Page - Intel Corporation

Back Button C200 Datasheet HTML 14Page - Intel Corporation C200 Datasheet HTML 15Page - Intel Corporation C200 Datasheet HTML 16Page - Intel Corporation C200 Datasheet HTML 17Page - Intel Corporation C200 Datasheet HTML 18Page - Intel Corporation C200 Datasheet HTML 19Page - Intel Corporation C200 Datasheet HTML 20Page - Intel Corporation C200 Datasheet HTML 21Page - Intel Corporation C200 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
Errata
18
Specification Update
6.
Asynchronous Retries Prioritized Over Periodic Transfers
Problem:
The integrated USB RMH incorrectly prioritizes full-speed and low-speed asynchronous
retries over dispatchable periodic transfers.
Implication: Periodic transfers may be delayed or aborted. If the asynchronous retry latency causes
the periodic transfer to be aborted, the impact varies depending on the nature of
periodic transfer:
• If a periodic interrupt transfer is aborted, the data may be recovered by the next
instance of the interrupt or the data could be dropped.
• If a periodic isochronous transfer is aborted, the data will be dropped. A single
dropped periodic transaction should not be noticeable by end user.
Note:
This issue has only been seen in a synthetic environment. The USB spec does not
consider the occasional loss of periodic traffic a violation.
Workaround: None.
Status:
No Plan to Fix.
7.
USB FS/LS Incorrect Number of Retries
Problem:
A USB low-speed Transaction may be retried more than three times, and a USB
full-speed transaction may be retried less than three times if all of the following
conditions are met:
• A USB low-speed transaction with errors, or the first retry of the transaction occurs
near the end of a microframe, and there is not enough time to complete another
retry of the low-speed transaction in the same microframe.
• There is pending USB full-speed traffic and there is enough time left in the
microframe to complete one or more attempts of the full-speed transaction.
• Both the low-speed and full-speed transactions must be asynchronous
(Bulk/Control) and must have the same direction either in or out.
Note:
Note: Per the USB EHCI Specification a transaction with errors should be attempted a
maximum of 3 times if it continues to fail.
Implication:
• For low-speed transactions the extra retry(s) allow a transaction additional
chance(s) to recover regardless of if the full-speed transaction has errors or not.
• If the full-speed transactions also have errors, the PCH may retry the transaction
fewer times than required, stalling the device prematurely. Once stalled, the
implication is software dependent, but the device may be reset by software.
Workaround: None.
Status:
No Plan to Fix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com