Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 78 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 78 Page - Intel Corporation

Back Button C200 Datasheet HTML 74Page - Intel Corporation C200 Datasheet HTML 75Page - Intel Corporation C200 Datasheet HTML 76Page - Intel Corporation C200 Datasheet HTML 77Page - Intel Corporation C200 Datasheet HTML 78Page - Intel Corporation C200 Datasheet HTML 79Page - Intel Corporation C200 Datasheet HTML 80Page - Intel Corporation C200 Datasheet HTML 81Page - Intel Corporation C200 Datasheet HTML 82Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 78 / 82 page
background image
Documentation Changes
78
Specification Update
2. The processor message interrupt delivery can be used even when the legacy
mapping is used.
3. The IA-PC HPET Specification uses the term “FSB Interrupt” to describe these type
of interrupts.
5.17.3 Periodic vs. Non-Periodic Modes
Non-Periodic Mode
Timer 0 is configurable to 32 (default) or 64-bit mode, whereas Timers 1:7 only
support 32-bit mode (See Section 20.1.5).
Warning:
Software must be careful when programming the comparator registers. If the value
written to the register is not sufficiently far in the future, then the counter may pass
the value before it reaches the register and the interrupt will be missed. The BIOS
should pass a data structure to the OS to indicate that the OS should not attempt to
program the periodic timer to a rate faster than 5 microseconds.
All of the timers support non-periodic mode.
Refer to Section 2.3.9.2.1 of the IA-PC HPET Specification for more details of this
mode.
Periodic Mode
Timer 0 is the only timer that supports periodic mode. Refer to Section 2.3.9.2.2 of the
IA-PC HPET Specification for more details of this mode.
If the software resets the main counter, the value in the comparator’s value register
needs to reset as well. This can be done by setting the TIMERn_VAL_SET_CNF bit.
Again, to avoid race conditions, this should be done with the main counter halted. The
following usage model is expected:
1. Software clears the ENABLE_CNF bit to prevent any interrupts.
2. Software Clears the main counter by writing a value of 00h to it.
3. Software sets the TIMER0_VAL_SET_CNF bit.
4. Software writes the new value in the TIMER0_COMPARATOR_VAL register.
5. Software sets the ENABLE_CNF bit to enable interrupts.
The Timer 0 Comparator Value register cannot be programmed reliably by a single
64-bit write in a 32-bit environment except if only the periodic rate is being changed
during run-time. If the actual Timer 0 Comparator Value needs to be reinitialized, then
the following software solution will always work regardless of the environment:
1. Set TIMER0_VAL_SET_CNF bit.
2. Set the lower 32 bits of the Timer0 Comparator Value register.
3. Set TIMER0_VAL_SET_CNF bit.
4. Set the upper 32 bits of the Timer0 Comparator Value register.
5.17.4 Enabling the Timers
The BIOS or operating system PnP code should route the interrupts. This includes the
Legacy Rout bit, Interrupt Rout bit (for each timer), and interrupt type (to select the
edge or level type for each timer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com