Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 47 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 47 Page - Intel Corporation

Back Button C200 Datasheet HTML 43Page - Intel Corporation C200 Datasheet HTML 44Page - Intel Corporation C200 Datasheet HTML 45Page - Intel Corporation C200 Datasheet HTML 46Page - Intel Corporation C200 Datasheet HTML 47Page - Intel Corporation C200 Datasheet HTML 48Page - Intel Corporation C200 Datasheet HTML 49Page - Intel Corporation C200 Datasheet HTML 50Page - Intel Corporation C200 Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 82 page
background image
Specification Update
47
Documentation Changes
4.
DMI L1 Exit Latency Documentation Change
Section 10.1.14 LCAP—Link Capabilities Register bits 17:15 are changed as shown:
5.
Device 30 Function 0 Naming Consistency Change
Device 30 Function 0 is named PCI-to-PCI Bridge throughout document for consistency.
6.
Gigabit Ethernet Capabilities and Status Registers Additions
a. The follow is added as section 12.2
12.2 Gigabit LAN Capabilities and Status Registers (CSR)
The internal CSR registers and memories are accessed as direct memory mapped
offsets from the base address register in Section 12.1.10. Software may only access
whole DWord at a time.
Note:
Register address locations that are not shown in Table 12-2 should be treated as
Reserved.
2
IDE_CONFIG Field 2 — R/W. This field is R/W to maintain software compatibility. This
field has no effect on hardware.
1
Reserved
0
IDE_CONFIG Field 1 — R/W. This field is R/W to maintain software compatibility. This
field has no effect on hardware.
Bit
Description
Bit
Description
17:15
L1 Exit Latency (EL1) — R/WO.
000b – Less than 1 µs
001b – 1 µs to less than 2 µs
010b – 2 µs to less than 4 µs
011b – 4 µs to less than 8 µs
100b – 8 µs to less than 16 µs
101b – 16 µs to less than 32 µs
110b – 32 µs to 64 µs
111b – More than 64 µs
Table 12-2. Gigabit LAN Capabilities and Status Registers Address Map
(Gigabit LAN —MBARA) (Sheet 1 of 2)
MBARA
+ Offset
Mnemonic
Register Name
Default
Attribute
00h-03h
GBECSR1
Gigabit Ethernet Capabilities and
Status Register 1
00100241h
R/W
18h-1Bh
GBECSR2
Gigabit Ethernet Capabilities and
Status Register 2
01501000h
R/W/SN
20h-23h
GBECSR3
Gigabit Ethernet Capabilities and
Status Register 3
1000XXXXh
R/W
2Ch-2Fh
GBECSR4
Gigabit Ethernet Capabilities and
Status Register 4
00000000h
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com