Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 73 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 73 Page - Intel Corporation

Back Button C200 Datasheet HTML 69Page - Intel Corporation C200 Datasheet HTML 70Page - Intel Corporation C200 Datasheet HTML 71Page - Intel Corporation C200 Datasheet HTML 72Page - Intel Corporation C200 Datasheet HTML 73Page - Intel Corporation C200 Datasheet HTML 74Page - Intel Corporation C200 Datasheet HTML 75Page - Intel Corporation C200 Datasheet HTML 76Page - Intel Corporation C200 Datasheet HTML 77Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
Specification Update
73
Documentation Changes
22.
Thermal Sensor Thermometer Read Register Updates
Section 22.2.4 TSTR—Thermal Sensor Thermometer Read Register is modified as
shown:
Offset Address:
TBARB+03h
Attribute:
RO
Default Value:
yFh (y = x111b)
Size:
8 bit
This register provides the calibrated current temperature from the thermometer circuit
when the thermometer is enabled.
23.
DC Inputs Characteristics Tables Corrections
a. All notes are removed from the end of table 8-7 DC Characteristic Input Signal
Association.
b. “(1)” removed from SML[1:0]CLK, SML[1:0]DATA in table 8-7 DC Characteristic
Input Signal Association.
c. Table 8-8 DC Input Characteristics and its notes are modified as follows:
i) Note 11 is removed from VIL6.
ii) Note 10 is removed from VIL16.
iii) Note 8 is removed from the table.
24.
CPU_PWR_FLR Removal
In table 5-39 Event Transitions that Cause Messages, the CPU_PWR_FLR event is
removed from the table as this is no longer a valid event.
25.
Miscellaneous Documentation Corrections V
a. t121gen3 max is changed to 0.48.
b. Usages of “display port” not referring to the DisplayPort interface are changed to
“digital port” or “display interface” throughout the document as well as changing
“display port” to DisplayPort when referring to the interface.
c. The attribute of TCO_EN (PMBASE+30h:bit 13) is changed from R/W to R/WL.
d. The attribute of GBL_SMI_EN (PMBASE+30h:bit 0) is changed from R/W to R/WL.
e. The second paragraph of section 5.21.3.1 Supported Addresses is removed.
Bit
Description
7
Reserved
6:0
Thermometer Reading (TR)— RO. Value corresponds to the thermal sensor
temperature. A value of 00h means the hottest temperature and 7Fh is the lowest.
The range is approximately between 40 °C to 130 °C. Temperature below 40 °C will be
truncated to 40 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com