Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 53 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 53 Page - Intel Corporation

Back Button C200 Datasheet HTML 49Page - Intel Corporation C200 Datasheet HTML 50Page - Intel Corporation C200 Datasheet HTML 51Page - Intel Corporation C200 Datasheet HTML 52Page - Intel Corporation C200 Datasheet HTML 53Page - Intel Corporation C200 Datasheet HTML 54Page - Intel Corporation C200 Datasheet HTML 55Page - Intel Corporation C200 Datasheet HTML 56Page - Intel Corporation C200 Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
Specification Update
53
Documentation Changes
s. The first sentence of section 2.20 is changed to “All signals are Mobile Only, except
as noted that are also available in Desktop.”
t. Table 8-17 title is changed from “HDMI Interface Timings (DDP[D:B][3:0])Timings”
to “HDMI Interface Timings (DDP[D:B][3:0])”.
u. Table 3-3 is updated to show that the PMSYNCH signal is Defined in Cx States.
v. Table 3-2 SML0ALERT# / GPIO60 note in Immediately after Reset is changed from 11
to 12.
w. Tables 3-2 and 3-3 note 7 removed from GPIO8 and GPIO27.
x. In section 13.8.3.5 GPE0_STS—General Purpose Event 0 Status Register, the SMBus
Wake Status (SMB_WAK_STS) bit description is updated remove “SCI” to reflect that
the SMBus controller can only generate an SMI#.
y. References to the Coprocessor Error Enable bit (RCBA+31FEh bit 9) mnemonic
“COPROC_ERR_EN” are changed to “CEN” to represent the actual mnemonic.
9.
25 MHz Flex Clock AC Timings
a. The following rows are added to table 8-24 Clock Timings:
b. The following note is added to table 8-24:
16. The 25 MHz output option for CLKOUTFLEX2 is derived from the 25 MHz crystal
input to the PCH. The PPM of the 25 MHz output is equivalent to that of the crystal.
10.
Fan Speed Control Signals Functional Description Introduction
The following is added immediately before section 5.24.9:
5.25 Fan Speed Control Signals (Server/Workstation Only)
The PCH implements 4 PWM and 8 TACH signals for integrated fan speed control.
Note: Integrated fan speed control functionality requires a correctly configured system,
including an appropriate processor, Server/Workstation PCH with Intel ME, Intel ME
Firmware, and system BIOS support.
Bit
Description
23
Incorrect Port Multiplier Enable (IPME) — R/W. The PCH SATA controller does not
support Port Multipliers. BIOS and storage software should keep this bit cleared to 0.
Sym
Parameter
Min
Max
Unit
Notes
Figure
25 MHz Flex Clock
t51
Period
39.84
40.18
ns
8-11
t52
High Time
16.77
21.78
ns
8-11
t53
Low Time
16.37
21.58
ns
8-11
Duty Cycle
45
55
%
Rising Edge Rate
1.0
4
V/ns
5
Falling Edge Rate
1.0
4
V/ns
5
Jitter (25 MHz configured on
CLKOUTFLEX2)
——
ps
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com