Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 22 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 22 Page - Intel Corporation

Back Button C200 Datasheet HTML 18Page - Intel Corporation C200 Datasheet HTML 19Page - Intel Corporation C200 Datasheet HTML 20Page - Intel Corporation C200 Datasheet HTML 21Page - Intel Corporation C200 Datasheet HTML 22Page - Intel Corporation C200 Datasheet HTML 23Page - Intel Corporation C200 Datasheet HTML 24Page - Intel Corporation C200 Datasheet HTML 25Page - Intel Corporation C200 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
Errata
22
Specification Update
16.
USB Full-/Low-speed Port Reset or Clear TT Buffer Request
Problem:
One or more full-/low-speed USB devices on the same RMH controller may be affected
if the devices are not suspended and either (a) software issues a Port Reset OR (b)
software issues a Clear TT Buffer request to a port executing a split full-/low-speed
Asynchronous Out command.
• The Small window of exposure for full-speed device is around 1.5 microseconds
and around 12 microseconds for a low-speed device.
Implication: The affected port may stall or receive stale data for a newly arrived split transfer
occurring at the time of the Port Reset or Clear TT Buffer request.
Note:
This issue has only been observed in a synthetic test environment.
Workaround: None.
Status:
No Plan to Fix.
17.
Intel® 82579 Gigabit Ethernet Controller Transmission Issue
Problem:
Intel® 82579 Gigabit Ethernet Controller with the Intel 6 Series Chipset and Intel C200
Series Chipset and Intel ME Firmware 7.x 5 MB may stop transmitting during a data
transfer.
Implication: Intel 82579 Gigabit Ethernet Controller may stop transmitting packets, the link LED will
blink, and a power cycle may be required to resume transmission activity.
Note:
This issue has only been observed in a focused test environment where data is
constantly transferred over an extended period of time (more than approximately 3
hours).
Workaround: A combination of Intel ME Firmware code change and Intel 82579 Gigabit Ethernet
Controller LAN Driver update has been identified and may be implemented as a
workaround for this erratum.
Status:
No Plan to Fix.
18.
USB RMH Think Time Issue
Problem:
The Intel 6 Series Chipset and Intel C200 Series Chipset USB RMH Think Time may
exceed its declared value in the RMH hub descriptor register of 8 full-speed bit times.
Implication: If the OS USB driver fully subscribes a USB microframe, full-/low-speed transactions
may exceed the microframe boundary.
Note:
No functional failures have been observed.
Workaround: None.
Status:
No Plan to Fix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com