Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 75 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 75 Page - Intel Corporation

Back Button C200 Datasheet HTML 71Page - Intel Corporation C200 Datasheet HTML 72Page - Intel Corporation C200 Datasheet HTML 73Page - Intel Corporation C200 Datasheet HTML 74Page - Intel Corporation C200 Datasheet HTML 75Page - Intel Corporation C200 Datasheet HTML 76Page - Intel Corporation C200 Datasheet HTML 77Page - Intel Corporation C200 Datasheet HTML 78Page - Intel Corporation C200 Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 82 page
background image
Specification Update
75
Documentation Changes
29.
Miscellaneous Documentation Corrections VI
a. Section 15.1.33 title is changed to ATS-APM Trapping Status Register.
b. Section 16.1.37 mnemonic is changed to FLR_STAT.
30.
Miscellaneous Documentation Correction VII
Section 10.1.80 FDSW—Function Disable SUS Well Register is updated as shown:
31.
Function Level Reset Pending Status Register Correction
Section 10.1.4 FLRSTAT—Function Level Reset Pending Status Register is updated as
shown:
32.
Miscellaneous Documentation Correction VIII
In section 21.1 Serial Peripheral Interface Memory Mapped Configuration Registers, the
RCBA register cross reference is corrected to be Section 13.1.39 (the RCBA—Root
Complex Base Address Register).
INTR
Table 23-3
0200h
INTR
Section 23.2.1.12
0200h
ME_UMA
Table 23-1
80000000h
KTIIR
Section 23.4.2.6
01h
KTLCR
Section 23.4.2.8
03h
SCTLBA
Section 23.3.1.11
00000001h
Register Name
Location of Incorrect
Default Value
Correct Default Value
Bit
Description
7
Function Disable SUS Well Lockdown (FDSWL)— R/W
0 = FDSW registers are not locked down.
1 = FDSW registers are locked down and this bit will remain set until a global reset
occurs.
NOTE: This bit must be set when Intel® Active Management Technology is enabled.
Bit
Description
31:24
Reserved
23
FLR Pending Status for EHCI #1 (D29) — RO.
0 = Function Level Reset is not pending.
1 = Function Level Reset is pending.
22:16
Reserved
15
FLR Pending Status for EHCI #2 (D26) — RO.
0 = Function Level Reset is not pending.
1 = Function Level Reset is pending.
14:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com