Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 37 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 37 Page - Intel Corporation

Back Button C200 Datasheet HTML 33Page - Intel Corporation C200 Datasheet HTML 34Page - Intel Corporation C200 Datasheet HTML 35Page - Intel Corporation C200 Datasheet HTML 36Page - Intel Corporation C200 Datasheet HTML 37Page - Intel Corporation C200 Datasheet HTML 38Page - Intel Corporation C200 Datasheet HTML 39Page - Intel Corporation C200 Datasheet HTML 40Page - Intel Corporation C200 Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 82 page
background image
Specification Update
37
Specification Clarifications
NOTES:
1.
All GPIOs can be configured as either input or output.
2.
GPI[15:0] can be configured to cause a SMI# or SCI. Note that a GPI can be routed to either
an SMI# or an SCI, but not both.
3.
Some GPIOs exist in the VccSus3_3 power plane. Care must be taken to make sure GPIO
signals are not driven high into powered-down planes. Also, external devices should not be
driving powered down GPIOs high. Some GPIOs may be connected to pins on devices that
exist in the core well. If these GPIOs are outputs, there is a danger that a loss of core power
(PWROK low) or a Power Button Override event will result in the PCH driving a pin to a logic
1 to another device that is powered down.
4.
The functionality that is multiplexed with the GPIO may not be used in desktop configuration.
5.
When this signal is configured as GPO the output stage is an open drain.
6.
GPIO18 will toggle at a frequency of approximately 1 Hz when the signal is programmed as a
GPIO (when configured as an output) by BIOS.
7.
For GPIOs where GPIO vs. Native Mode is configured using SPI Soft Strap, the corresponding
GPIO_USE_SEL bits for these GPIOs have no effect. The GPIO_USE_SEL bits for these GPIOs
may change to reflect the Soft-Strap configuration even though GPIO Lockdown Enable (GLE)
bit is set.
8.
These pins are used as Functional straps. See Section 2.27 for more details.
9.
Once Soft-strap is set to GPIO mode, this pin will default to GP Input. When Soft-strap is
SLP_LAN# usage and if Host BIOS does not configure as GP Output for SLP_LAN# control,
SLP_LAN# behavior will be based on the setting of the RTC backed SLP_LAN# Default Bit
(D31:F0:A4h:Bit 8).
10. When the multiplexed GPIO is used as GPIO functionality, care should be taken to ensure the
signal is stable in its inactive state of the native functionality, immediately after reset until it
is initialized to GPIO functionality.
11. GPIO13 is powered by VccSusHDA (either 3.3 V or 1.5 V). Voltage tolerance on the signal is
the same as VccSusHDA.
12. GPIO functionality is only available when the Suspend well is powered although pin is in
DSW.
13. GPIO will assume its native functionality until the soft strap is loaded after which time the
functionality will be determined by the soft strap setting.
b. Section 13.8.3.6 GPE0_EN—General Purpose Event 0 Enables Register bit 35 is
changed as shown:
GPIO1
I/O
3.3 V
Core
GPI
Yes
No
Yes2
Multiplexed with TACH1.
Mobile: Used as GPIO1 only.
GPIO0
I/O
3.3 V
Core
GPI
Yes
No
Yes2
Multiplexed with BMBUSY#
Table 2-24 General Purpose I/O Signals (Sheet 5 of 5)
Name
Type
Toler-
ance
Power
Well
Default
Blink
Capa-
bility
Glitch
Protection
during
Power-On
Sequence
GPI
Event
Support
Description
Bit
Description
35
GPIO27_EN — R/W.
0 = Disable.
1 = Enable the setting of the GPIO27_STS bit to generate a wake event/SCI/SMI#.
GPIO27 is a valid host wake event from Deep S4/S5. The wake enable configuration
persists after a G3 state.
NOTE: In the Deep S4/S5 state, GPIO27 has no GPIO functionality other than wake
enable capability, which is enabled when this bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com