Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 5 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 5 Page - Intel Corporation

  C200 Datasheet HTML 1Page - Intel Corporation C200 Datasheet HTML 2Page - Intel Corporation C200 Datasheet HTML 3Page - Intel Corporation C200 Datasheet HTML 4Page - Intel Corporation C200 Datasheet HTML 5Page - Intel Corporation C200 Datasheet HTML 6Page - Intel Corporation C200 Datasheet HTML 7Page - Intel Corporation C200 Datasheet HTML 8Page - Intel Corporation C200 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
Revision History
Specification Update
5
011
•Added
— Specification Change: 3: A20GATE and A20M# Functionality Removal
— Specification Clarifications: 14: SLP_SUS# Clarifications and 15: PME_Turn_Off
TLP
— Documentation Changes: 17: Integrated Digital Display Audio Device and Revision
IDs and 18: Miscellaneous Documentation Corrections III
November 2011
012
•Updated
— Specification Changes: 3: A20GATE and A20M# Functionality Removal
— Documentation Changes: 8: Miscellaneous Documentation Corrections and 17:
Integrated Digital Display Audio Device and Revision IDs
•Added
— Erratum: 18: USB RMH Think Time Issue
— Specification Clarifications: 16: GPIO Clarifications and 17: Power Button Override
and Deep S4/S5
— Documentation Changes: 19: SPI Documentation Changes, 20: Miscellaneous
Documentation Corrections IV, and 21: Mobile SFF PCH Ballout
December 2011
013
•Updated
— Revision History content and formatting
— PCH Device and Revision ID Table
— Specification Clarification: 16: GPIO Clarifications
— Documentation Changes: 8: Miscellaneous Documentation Corrections, 10: Fan
Speed Control Signals Functional Description Introduction, 11: SMBus/SMLink
Timing Naming Corrections, and 16: Ballout Documentation Changes
•Added
— Specification Clarification: 18: Power Management Clarifications
January 2012
014
•Added
— Erratum: 19: Intel® AMT and Intel® Standard Manageability KT/SOL Interrupt
Status Cleared Prematurely
— Documentation Changes: 22: Thermal Sensor Thermometer Read Register
Updates, 23: DC Inputs Characteristics Tables Corrections, 24: CPU_PWR_FLR
Removal, and 25: Miscellaneous Documentation Corrections V.
February 2012
015
•Added
— Erratum: 20: Incorrect IRQ(x) Vector Returned for 8259 Interrupts With RAEOI
Enabled.
— Specification Clarification: 19: t203 Deep S3/S4 Exit Clarification.
— Documentation Changes: 26: PCI Express Initialization Registers Corrections, 27:
VccSus3_3 Description, 28: Register Default Value Corrections, and 29:
Miscellaneous Documentation Corrections VI.
April 2012
016
•Updated
— Documentation Change: 29: Miscellaneous Documentation Corrections VI.
•Added
— Erratum: 21: USB RMH False Disconnect Issue.
— Documentation Change: 30: Miscellaneous Documentation Correction VII.
May 2012
017
•Updated
— Specification Clarification: 18: Power Management Clarifications.
•Added
— Erratum: 22: USB RMH Think Time Issue.
— Documentation Changes: 31: Function Level Reset Pending Status Register
Correction and 32: Miscellaneous Documentation Correction VIII.
June 2012
018
•Updated
— Specification Clarification: 16: GPIO Clarifications.
•Added
— Specification Clarifications: 20: RAID 1 Description, 21: V_PROC_IO Definition,
22: Manageability Signals Clarifications, and 23: ACPRESENT Definition.
— Documentation Change: 33: SPI Required Region Correction.
July 2012
019
•Updated
— Documentation Changes: 6: Gigabit Ethernet Capabilities and Status Registers
Additions, 28: Register Default Value Corrections, 29: Miscellaneous
Documentation Corrections VI, and 33: SPI Required Region Correction.
•Added
— Erratum: 23: Packet Loss on Intel® 82579 Gigabit Ethernet Controller.
— Specification Clarification: 24: SPI Overview.
— Documentation Changes: 34: High Precision Event Timers Functional Description
and 35: Miscellaneous Documentation Corrections IX.
August 2012
Revision
Description
Date



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com