Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 33 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 33 Page - Intel Corporation

Back Button C200 Datasheet HTML 29Page - Intel Corporation C200 Datasheet HTML 30Page - Intel Corporation C200 Datasheet HTML 31Page - Intel Corporation C200 Datasheet HTML 32Page - Intel Corporation C200 Datasheet HTML 33Page - Intel Corporation C200 Datasheet HTML 34Page - Intel Corporation C200 Datasheet HTML 35Page - Intel Corporation C200 Datasheet HTML 36Page - Intel Corporation C200 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
Specification Update
33
Specification Clarifications
15.
PME_Turn_Off TLP
The following note is added to section 5.2.2.1 S3/S4/S5 Support:
Note: The PME_Turn_Off TLP messaging flow is also issued during a host reset with and
without power cycle. Refer to table 5-38 for a list of host reset sources.
16.
GPIO Clarifications
a. Table 2-24 is replaced as following:
Table 2-24 General Purpose I/O Signals (Sheet 1 of 5)
Name
Type
Toler-
ance
Power
Well
Default
Blink
Capa-
bility
Glitch
Protection
during
Power-On
Sequence
GPI
Event
Support
Description
GPIO75
I/O
3.3 V
Suspend
Native
No
No
No
Multiplexed with SML1DATA10
GPIO74
I/O
3.3 V
Suspend
Native
No
No
No
Multiplexed with
SML1ALERT#/PCHHOT#10
GPIO73
(Mobile
Only)
I/O
3.3 V
Suspend
Native
No
No
No
Multiplexed with PCIECLKRQ0#
GPIO72
I/O
3.3 V
Suspend
Native
(Mobile
Only)
GPI
(Desktop
Only)
No
No
No
Mobile: Multiplexed with
BATLOW#.
Desktop: Unmultiplexed;
requires pull-up resistor4.
GPIO[71:
70]
I/O
3.3 V
Core
Native
No
No
No
Desktop: Multiplexed with
TACH[7:6]
Mobile: Used as GPIO only
GPIO[69:
68]
I/O
3.3 V
Core
GPI
No
No
No
Desktop: Multiplexed with
TACH[5:4]
Mobile: Used as GPIO only
GPIO67
I/O
3.3 V
Core
Native
No
No
No
Multiplexed with CLKOUTFLEX3
GPIO66
I/O
3.3 V
Core
Native
No
No
No
Multiplexed with CLKOUTFLEX2
GPIO65
I/O
3.3 V
Core
Native
No
No
No
Multiplexed with CLKOUTFLEX1
GPIO64
I/O
3.3 V
Core
Native
No
No
No
Multiplexed with CLKOUTFLEX0
GPIO63
I/O
3.3 V
Suspend
Native
No
Yes
No
Multiplexed with SLP_S5#
GPIO62
I/O
3.3 V
Suspend
Native
No
No
No
Multiplexed with SUSCLK
GPIO61
I/O
3.3 V
Suspend
Native
No
Yes
No
Multiplexed with SUS_STAT#
GPIO60
I/O
3.3 V
Suspend
Native
No
No
No
Multiplexed with SML0ALERT#
GPIO59
I/O
3.3 V
Suspend
Native
No
No
No
Multiplexed with OC0#10
GPIO58
I/O
3.3 V
Suspend
Native
No
No
No
Multiplexed with SML1CLK
GPIO57
I/O
3.3 V
Suspend
GPI
No
Yes
No
Unmultiplexed
GPIO56
(Mobile
Only)
I/O
3.3 V
Suspend
Native
No
No
No
Mobile: Multiplexed with
PEG_B_CLKRQ#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com