Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 36 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 36 Page - Intel Corporation

Back Button C200 Datasheet HTML 32Page - Intel Corporation C200 Datasheet HTML 33Page - Intel Corporation C200 Datasheet HTML 34Page - Intel Corporation C200 Datasheet HTML 35Page - Intel Corporation C200 Datasheet HTML 36Page - Intel Corporation C200 Datasheet HTML 37Page - Intel Corporation C200 Datasheet HTML 38Page - Intel Corporation C200 Datasheet HTML 39Page - Intel Corporation C200 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
Specification Clarifications
36
Specification Update
GPIO25
(Mobile
Only)
I/O
3.3 V
Suspend
Native
Yes
No
No
Mobile: Multiplexed with
PCIECLKRQ3#
GPIO24
I/O
3.3 V
Suspend
GPO
Yes
Yes
No
Desktop: Can be used as
PROC_MISSING configured
using Intel ME firmware.
Mobile: Unmultiplexed
NOTE: GPIO24 configuration
register bits are cleared
by RSMRST# and not
cleared by CF9h reset
event.
GPIO23
I/O
3.3 V
Core
Native
Yes
No
No
Multiplexed with LDRQ1#.
GPIO22
I/O
3.3 V
Core
GPI
Yes
No
No
Multiplexed with SCLOCK
GPIO21
I/O
3.3 V
Core
GPI
Yes
No
No
Multiplexed with SATA0GP
GPIO20
I/O
3.3 V
Core
Native
Yes
No
No
Multiplexed with
PCIECLKRQ2#, SMI#
GPIO198
I/O
3.3 V
Core
GPI
Yes
No
No
Multiplexed with SATA1GP
GPIO18
(Mobile
Only)
I/O
3.3 V
Core
Native
Yes6
No
No
Mobile: Multiplexed with
PCIECLKRQ1#
GPIO17
I/O
3.3 V
Core
GPI
Yes
No
No
Desktop: Multiplexed with
TACH0.
Mobile: Used as GPIO17 only.
GPIO16
I/O
3.3 V
Core
GPI
Yes
No
No
Multiplexed with SATA4GP
GPIO158
I/O
3.3 V
Suspend
GPO
Yes
No
Yes2
Unmultiplexed
GPIO14
I/O
3.3 V
Suspend
Native
Yes
No
Yes2
Multiplexed with OC7#
GPIO13
I/O
3.3 V
or
1.5 V11
HDA
Suspend
GPI
Yes
No
Yes2
Multiplexed with
HDA_DOCK_RST# (Mobile
Only)4.
Desktop: Used as GPIO only
GPIO12
I/O
3.3 V
Suspend
Native
Yes
No
Yes2
Multiplexed with
LAN_PHY_PWR_CTRL. GPIO /
Functionality controlled using
soft strap7,13
GPIO11
I/O
3.3 V
Suspend
Native
Yes
No
Yes2
Multiplexed with
SMBALERT#10.
GPIO10
I/O
3.3 V
Suspend
Native
Yes
No
Yes2
Multiplexed with OC6#10.
GPIO9
I/O
3.3 V
Suspend
Native
Yes
No
Yes2
Multiplexed with OC5#10.
GPIO8
I/O
3.3 V
Suspend
GPO
Yes
No
Yes2
Unmultiplexed
GPIO[7:6]
I/O
3.3 V
Core
GPI
Yes
No
Yes2
Multiplexed with TACH[3:2].
Mobile: Used as GPIO[7:6]
only.
GPIO[5:2]
I/OD
5 V
Core
GPI
Yes
No
Yes2
Multiplexed PIRQ[H:E]#5.
Table 2-24 General Purpose I/O Signals (Sheet 4 of 5)
Name
Type
Toler-
ance
Power
Well
Default
Blink
Capa-
bility
Glitch
Protection
during
Power-On
Sequence
GPI
Event
Support
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com