Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 41 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 41 Page - Intel Corporation

Back Button C200 Datasheet HTML 37Page - Intel Corporation C200 Datasheet HTML 38Page - Intel Corporation C200 Datasheet HTML 39Page - Intel Corporation C200 Datasheet HTML 40Page - Intel Corporation C200 Datasheet HTML 41Page - Intel Corporation C200 Datasheet HTML 42Page - Intel Corporation C200 Datasheet HTML 43Page - Intel Corporation C200 Datasheet HTML 44Page - Intel Corporation C200 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
Specification Update
41
Specification Clarifications
NOTES:
1.
Manageability functionality can be assigned to at most one pin and is configured through
Intel ME FW.
2.
See GPIO table for power well each Pin Name is associated with in Section 2-24.
NOTES:
1.
Manageability functionality can be assigned to at most one pin and is configured through
Intel ME FW.
2.
See GPIO table for power well each Pin Name is associated with in Section 2-24.
Table 2-25 Desktop/Mobile Manageability Signals
Functionality
Name
Functionality Description
Pin Name(s)1
SUSWARN# or
SUSPWRDNACK
(Mobile Only)
Used by Intel® ME as either SUSWARN# in Deep S4/S5
state supported platforms or as SUSPWRDNACK in non
Deep S4/S5 state supported platforms.
SUSWARN#
/SUSPWRDNACK#/
GPIO30
AC Present
(Mobile Only)
Input signal from the Embedded Controller (EC) on
Mobile systems to indicate AC power source or the
system battery. Active High indicates AC power.
ACPRESENT /
GPIO31
Temperature
Alert
Used as an alert (active low) to indicate to the external
controller (such as EC or SIO) that temperatures are out
of range for the PCH or Graphics/Memory Controller or
the processor core.
SATA5GP / GPIO49
/ TEMP_ALERT#
Processor
Missing
(Desktop Only)
Used to indicate Processor Missing to the Intel
Management Engine.
GPIO24 /
PROC_MISSING
Table 2-26 Server Manageability Signals
Functionality
Name
Functionality Description
MGPIO Name(s)1
SMBALERT#
signal from PSU
to PCH
Indicates the PSU may cause system shutdown due to a
momentary loss of AC input voltage or an over
temperature condition.
MGPIO2
Intel ME FW
Recovery Mode
Strap
Input to PCH to force Intel ME to stay in recovery boot
loader.
MGPIO0, MGPIO1,
MGPIO2, MGPIO3,
MGPIO4, MGPIO5,
MGPIO6, MGPIO7,
or MGPIO8
Table 2-27 Server MGPIO Signal to Pin Name Conversion Table (Sheet 1 of 2)
MGPIO
Ballout Pin Name
MGPIO0
GPIO24/PROC_MISSING
MGPIO1
SUSWARN#/GPIO30
MGPIO2
GPIO31
MGPIO3
SLP_LAN#/GPIO29
MGPIO4
SML0ALERT#/GPIO60
MGPIO5
GPIO57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com